Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C669-MT Datasheet(PDF) 85 Page - Microchip Technology

Part # FDC37C669-MT
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C669-MT Datasheet(HTML) 85 Page - Microchip Technology

Back Button FDC37C669-MT Datasheet HTML 81Page - Microchip Technology FDC37C669-MT Datasheet HTML 82Page - Microchip Technology FDC37C669-MT Datasheet HTML 83Page - Microchip Technology FDC37C669-MT Datasheet HTML 84Page - Microchip Technology FDC37C669-MT Datasheet HTML 85Page - Microchip Technology FDC37C669-MT Datasheet HTML 86Page - Microchip Technology FDC37C669-MT Datasheet HTML 87Page - Microchip Technology FDC37C669-MT Datasheet HTML 88Page - Microchip Technology FDC37C669-MT Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 162 page
background image
85
NOTES ON SERIAL PORT OPERATION
FIFO MODE OPERATION:
GENERAL
The RCVR FIFO will hold up to 16 bytes regardless of
which trigger level is selected.
TX AND RX FIFO OPERATION
The Tx portion of the UART transmits data through TXD
as soon as the CPU loads a byte into the Tx FIFO. The
UART will prevent loads to the Tx FIFO if it currently
holds 16 characters. Loading to the Tx FIFO will again
be enabled as soon as the next character is transferred to
the Tx shift register. These capabilities account for the
largely autonomous operation of the Tx.
The UART starts the above operations typically with a Tx
interrupt. The chip issues a Tx interrupt whenever the Tx
FIFO is empty and the Tx interrupt is enabled, except in
the following instance. Assume that the Tx FIFO is empty
and the CPU starts to load it. When the first byte enters
the FIFO the Tx FIFO empty interrupt will transition from
active to inactive. Depending on the execution speed of
the service routine software, the UART may be able to
transfer this byte from the FIFO to the shift register before
the CPU loads another byte. If this happens, the Tx FIFO
will be empty again and typically the UART's interrupt line
would transition to the active state. This could cause a
system with an interrupt control unit to record a Tx FIFO
empty condition, even though the CPU is currently
servicing that interrupt.
Therefore, after the first byte has been loaded into
the FIFO the UART will wait one serial character
transmission time before issuing a new Tx FIFO
empty interrupt.
This one character Tx interrupt delay will remain
active until at least two bytes have been loaded into
the FIFO, concurrently. When the Tx FIFO empties
after this condition, the Tx interrupt will be activated
without a one character delay.
Rx support functions and operation are quite different
from those described for the transmitter. The Rx FIFO
receives data until the number of bytes in the FIFO
equals the selected interrupt trigger level. At that time if
Rx interrupts are enabled, the UART will issue an
interrupt to the CPU. The Rx FIFO will continue to store
bytes until it holds 16 of them. It will not accept any more
data when it is full. Any more data entering the Rx shift
register will set the Overrun Error flag.
Normally, the
FIFO depth and the programmable trigger levels will give
the CPU ample time to empty the Rx FIFO before an
overrun occurs.
One side-effect of having a Rx FIFO is that the selected
interrupt trigger level may be above the data level in the
FIFO. This could occur when data at the end of the block
contains fewer bytes than the trigger level. No interrupt
would be issued to the CPU and the data would remain in
the UART. To prevent the software from having to
check for this situation the chip incorporates a
timeout interrupt.
The timeout interrupt is activated when there is a least
one byte in the Rx FIFO, and neither the CPU nor the Rx
shift register has accessed the Rx FIFO within 4
character times of the last byte. The timeout interrupt is
cleared or reset when the CPU reads the Rx FIFO or
another character enters it.
These FIFO related features allow optimization of
CPU/UART transactions and are especially useful given
the higher baud rate capability (256 kbaud).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com