Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C669-MT Datasheet(PDF) 83 Page - Microchip Technology

Part # FDC37C669-MT
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C669-MT Datasheet(HTML) 83 Page - Microchip Technology

Back Button FDC37C669-MT Datasheet HTML 79Page - Microchip Technology FDC37C669-MT Datasheet HTML 80Page - Microchip Technology FDC37C669-MT Datasheet HTML 81Page - Microchip Technology FDC37C669-MT Datasheet HTML 82Page - Microchip Technology FDC37C669-MT Datasheet HTML 83Page - Microchip Technology FDC37C669-MT Datasheet HTML 84Page - Microchip Technology FDC37C669-MT Datasheet HTML 85Page - Microchip Technology FDC37C669-MT Datasheet HTML 86Page - Microchip Technology FDC37C669-MT Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 162 page
background image
83
Table 35 - Register Summary for an Individual UART Channel
REGISTER
ADDRESS*
REGISTER NAME
REGISTER
SYMBOL
BIT 0
BIT 1
ADDR = 0
DLAB = 0
Receive Buffer Register (Read Only)
RBR
Data Bit 0
(Note 1)
Data Bit 1
ADDR = 0
DLAB = 0
Transmitter Holding Register (Write
Only)
THR
Data Bit 0
Data Bit 1
ADDR = 1
DLAB = 0
Interrupt Enable Register
IER
Enable
Received
Data
Available
Interrupt
(ERDAI)
Enable
Transmitter
Holding
Register
Empty
Interrupt
(ETHREI)
ADDR = 2
Interrupt Ident. Register (Read Only)
IIR
"0" if Interrupt
Pending
Interrupt ID
Bit
ADDR = 2
FIFO Control Register (Write Only)
FCR
FIFO Enable
RCVR FIFO
Reset
ADDR = 3
Line Control Register
LCR
Word Length
Select Bit 0
(WLS0)
Word Length
Select Bit 1
(WLS1)
ADDR = 4
MODEM Control Register
MCR
Data
Terminal
Ready (DTR)
Request to
Send (RTS)
ADDR = 5
Line Status Register
LSR
Data Ready
(DR)
Overrun Error
(OE)
ADDR = 6
MODEM Status Register
MSR
Delta Clear to
Send (DCTS)
Delta Data
Set Ready
(DDSR)
ADDR = 7
Scratch Register (Note 4)
SCR
Bit 0
Bit 1
ADDR = 0
DLAB = 1
Divisor Latch (LS)
DDL
Bit 0
Bit 1
ADDR = 1
DLAB = 1
Divisor Latch (MS)
DLM
Bit 8
Bit 9
*DLAB is Bit 7 of the Line Control Register (ADDR = 3).
Note 1: Bit 0 is the least significant bit. It is the first bit serially transmitted or received.
Note 2: When operating in the XT mode, this bit will be set any time that the transmitter shift register is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com