Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP42100TI/ST Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP42100TI/ST
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP42100TI/ST Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP42100TI/ST Datasheet HTML 19Page - Microchip Technology MCP42100TI/ST Datasheet HTML 20Page - Microchip Technology MCP42100TI/ST Datasheet HTML 21Page - Microchip Technology MCP42100TI/ST Datasheet HTML 22Page - Microchip Technology MCP42100TI/ST Datasheet HTML 23Page - Microchip Technology MCP42100TI/ST Datasheet HTML 24Page - Microchip Technology MCP42100TI/ST Datasheet HTML 25Page - Microchip Technology MCP42100TI/ST Datasheet HTML 26Page - Microchip Technology MCP42100TI/ST Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
 2003 Microchip Technology Inc.
DS11195C-page 23
MCP41XXX/42XXX
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code, facility code, mask rev#,
and assembly code.
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP41010
I/P256
0313
MCP41050
I/SN0313
256
14-Lead PDIP (300 mil)
Example:
14-Lead SOIC (150 mil)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
YYWWNNN
MCP42010
I/P
0313256
XXXXXXXXXXX
42050ISL
0313256
XXXXXXXXXXX
XXXXXXXX
NNN
YYWW
14-Lead TSSOP (4.4mm) *
Example:
42100I
256
0313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com