Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP42100TI/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP42100TI/ST
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP42100TI/ST Datasheet(HTML) 1 Page - Microchip Technology

  MCP42100TI/ST Datasheet HTML 1Page - Microchip Technology MCP42100TI/ST Datasheet HTML 2Page - Microchip Technology MCP42100TI/ST Datasheet HTML 3Page - Microchip Technology MCP42100TI/ST Datasheet HTML 4Page - Microchip Technology MCP42100TI/ST Datasheet HTML 5Page - Microchip Technology MCP42100TI/ST Datasheet HTML 6Page - Microchip Technology MCP42100TI/ST Datasheet HTML 7Page - Microchip Technology MCP42100TI/ST Datasheet HTML 8Page - Microchip Technology MCP42100TI/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2003 Microchip Technology Inc.
DS11195C-page 1
M
MCP41XXX/42XXX
Features
• 256 taps for each potentiometer
• Potentiometer values for 10 k
Ω, 50 kΩ and
100 k
Ω
• Single and dual versions
• SPI™ serial interface (mode 0,0 and 1,1)
• ±1 LSB max INL & DNL
• Low power CMOS technology
• 1 µA maximum supply current in static operation
• Multiple devices can be daisy-chained together
(MCP42XXX only)
• Shutdown feature open circuits of all resistors for
maximum power savings
• Hardware shutdown pin available on MCP42XXX
only
• Single supply operation (2.7V - 5.5V)
• Industrial temperature range: -40°C to +85°C
• Extended temperature range: -40°C to +125°C
Block Diagram
Description
The MCP41XXX and MCP42XXX devices are 256-
position, digital potentiometers available in 10 k
Ω,
50 k
Ω and 100 kΩ resistance versions. The
MCP41XXX is a single-channel device and is offered in
an 8-pin PDIP or SOIC package. The MCP42XXX con-
tains two independent channels in a 14-pin PDIP, SOIC
or TSSOP package. The wiper position of the
MCP41XXX/42XXX varies linearly and is controlled via
an industry-standard SPI interface. The devices con-
sume <1 µA during static operation. A software shut-
down feature is provided that disconnects the “A”
terminal from the resistor stack and simultaneously con-
nects the wiper to the “B” terminal. In addition, the dual
MCP42XXX has a SHDN pin that performs the same
function in hardware. During shutdown mode, the con-
tents of the wiper register can be changed and the
potentiometer returns from shutdown to the new value.
The wiper is reset to the mid-scale position (80h) upon
power-up. The RS (reset) pin implements a hardware
reset and also returns the wiper to mid-scale. The
MCP42XXX SPI interface includes both the SI and SO
pins, allowing daisy-chaining of multiple devices. Chan-
nel-to-channel resistance matching on the MCP42XXX
varies by less than 1%. These devices operate from a
single 2.7 - 5.5V supply and are specified over the
extended and industrial temperature ranges.
Package Types
16-Bit
Shift
V
DD
V
SS
SI
SCK
RS SHDN
PB1
PA1
PW1
Resistor
Array 1*
Wiper
Register
PB0
PW0
PA0
Resistor
Array 0
Wiper
Register
Register
S0
Control
Logic
CS
*Potentiometer P1 is only available on the dual
MCP42XXX version.
1
2
3
4
11
12
13
14
8
9
10
5
6
7
PDIP/SOIC/TSSOP
PB1
PA1
PW1
SHDN
SO
RS
PW0
PB0
CS
PA0
SCK
SI
V
SS
V
DD
1
2
3
4
5
6
7
8
PDIP/SOIC
PB0
PA0
V
DD
PW0
V
SS
CS
SCK
SI
Single/Dual Digital Potentiometer with SPI™ Interface


Similar Part No. - MCP42100TI/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP42100T MICROCHIP-MCP42100T Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP42100T MICROCHIP-MCP42100T Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP42100T-ISL MICROCHIP-MCP42100T-ISL Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP42100T-ISL MICROCHIP-MCP42100T-ISL Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP42100T-IST MICROCHIP-MCP42100T-IST Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
More results

Similar Description - MCP42100TI/ST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1507 AMSCO-AS1507 Datasheet
530Kb / 17P
Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Analog Devices
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
logo
Microchip Technology
MCP41050-ISN MICROCHIP-MCP41050-ISN Datasheet
897Kb / 32P
Single/Dual Digital Potentiometer with SPI??Interface
07/28/03
MCP42010-I MICROCHIP-MCP42010-I Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP42050-I MICROCHIP-MCP42050-I Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
logo
Texas Instruments
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Microchip Technology
MCP41XXX MICROCHIP-MCP41XXX Datasheet
619Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com