Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP42100TI/ST Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP42100TI/ST
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP42100TI/ST Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP42100TI/ST Datasheet HTML 24Page - Microchip Technology MCP42100TI/ST Datasheet HTML 25Page - Microchip Technology MCP42100TI/ST Datasheet HTML 26Page - Microchip Technology MCP42100TI/ST Datasheet HTML 27Page - Microchip Technology MCP42100TI/ST Datasheet HTML 28Page - Microchip Technology MCP42100TI/ST Datasheet HTML 29Page - Microchip Technology MCP42100TI/ST Datasheet HTML 30Page - Microchip Technology MCP42100TI/ST Datasheet HTML 31Page - Microchip Technology MCP42100TI/ST Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2003 Microchip Technology Inc.
DS11195C-page 29
MCP41XXX/42XXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP41010: Single Digital Potentiometer (10 k
Ω)
MCP41010T: Single Digital Potentiometer (10 k
Ω)
(Tape and Reel)
MCP41050: Single Digital Potentiometer (50 k
Ω)
(Tape and Reel)
MCP41050T: Single Digital Potentiometer (50 k
Ω)
MCP41100: Single Digital Potentiometer (100 k
Ω)
(Tape and Reel)
MCP41100T: Single Digital Potentiometer (100 k
Ω)
MCP42010: Dual Digital Potentiometer (10 k
Ω)
MCP42010T: Dual Digital Potentiometer (10 k
Ω)
(Tape and Reel)
MCP42050: Dual Digital Potentiometer (50 k
Ω)
MCP42050T: Dual Digital Potentiometer (50 k
Ω)
(Tape and Reel)
MCP42100: Dual Digital Potentiometer (100 k
Ω)
MCP42100T: Dual Digital Potentiometer (100 k
Ω)
(Tape and Reel)
Temperature Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
P
=
Plastic DIP (300 mil Body), 8-lead, 14-lead
SN
=
Plastic SOIC (150 mil Body), 8-lead
SL
=
Plastic SOIC (150 mil Body), 14-lead
ST
=
TSSOP (4.4mm Body), 14-lead
Examples:
a)
MCP41010-I/SN:
I-Temp., 8LD SOIC pkg.
b)
MCP41010-E/P:
E-Temp., 8LD PDIP pkg.
c)
MCP41010T-I/SN: Tape and Reel, I-Temp.,
8LD SOIC pkg.
d)
MCP41050-E/SN:
E-Temp., 8LD SOIC pkg.
e)
MCP41050-I/P:
I-Temp., 8LD PDIP pkg.
f)
MCP41050-E/SN:
E-Temp., 8LD SOIC pkg.
g)
MCP41100-I/SN:
I-Temp., 8LD SOIC
package.
h)
MCP41100-E/P:
E-Temp., 8LD PDIP pkg.
i)
MCP41100T-I/SN: I-Temp., 8LD SOIC pkg.
a)
MCP42010-E/P:
E-Temp., 14LD PDIP pkg.
b)
MCP42010-I/SL:
I-Temp., 14LD SOIC pkg.
c)
MCP42010-E/ST:
E-Temp., 14LD TSSOP
pkg.
d)
MCP42010T-I/ST:
Tape and Reel, I-Temp.,
14LD TSSOP pkg.
e)
MCP42050-E/P:
E-Temp., 14LD PDIP pkg.
f)
MCP42050T-I/SL: Tape and Reel, I-Temp.,
14LD SOIC pkg.
g)
MCP42050-E/SL:
E-Temp., 14LD SOIC pkg.
h)
MCP42050-I/ST:
I-Temp., 14LD TSSOP
pkg.
i)
MCP42050T-I/SL: Tape and Reel, I-Temp.,
14LD SOIC pkg.
j)
MCP42050T-I/ST:
Tape and Reel, I-Temp.,
14LD TSSOP pkg.
k)
MCP42100-E/P:
E-Temp., 14LD PDIP pkg.
l)
MCP42100-I/SL:
I-Temp., 14LD SOIC pkg.
m)
MCP42100-E/ST:
E-Temp., 14LD TSSOP
pkg.
n)
MCP42100T-I/SL: Tape and Reel, I-Temp.,
14LD SOIC pkg.
o)
MCP42100T-I/ST:
Tape and Reel, I-Temp.,
14LD TSSOP pkg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com