Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP42100TI/ST Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP42100TI/ST
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP42100TI/ST Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP42100TI/ST Datasheet HTML 4Page - Microchip Technology MCP42100TI/ST Datasheet HTML 5Page - Microchip Technology MCP42100TI/ST Datasheet HTML 6Page - Microchip Technology MCP42100TI/ST Datasheet HTML 7Page - Microchip Technology MCP42100TI/ST Datasheet HTML 8Page - Microchip Technology MCP42100TI/ST Datasheet HTML 9Page - Microchip Technology MCP42100TI/ST Datasheet HTML 10Page - Microchip Technology MCP42100TI/ST Datasheet HTML 11Page - Microchip Technology MCP42100TI/ST Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MCP41XXX/42XXX
DS11195C-page 8
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, curve represents 10 k
Ω, 50 kΩ and 100 kΩ devices, VDD = 5V, VSS = 0V, TA = +25°C,
V
B = 0V.
FIGURE 2-7:
Rheostat INL Error vs.
Code.
FIGURE 2-8:
Rheostat Mode Tempco vs.
Code.
FIGURE 2-9:
Static Current vs.
Temperature.
FIGURE 2-10:
Active Supply Current vs.
Temperature.
FIGURE 2-11:
Active Supply Current vs.
Clock Frequency.
FIGURE 2-12:
Reset & Shutdown Pins
Current vs. Voltage.
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
32
64
96
128
160
192
224
256
Code (Decimal)
TA = +25°C
TA = +85°C
TA = -40°C
Refer to Figure 2-27
0
500
1000
1500
2000
2500
3000
0
32
64
96
128 160 192 224 256
Code (Decimal)
TA = -40°C to +85°C,
VA = no connect,
RWB measured
1
10
100
1000
-40 -25 -10 5 20 35 50 65 80 95 11
0
12
5
Temperature (°C)
30
80
130
180
230
280
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
VDD = 5V
VDD = 3V
FCLK = 3 MHz
Code = FFh
0
100
200
300
400
500
600
700
800
900
1000
Clock Frequency (Hz)
A - VDD = 5.5V, Code = AAh
B - VDD = 3.3V, Code = AAh
C - VDD = 5.5V, Code = FFh
D - VDD = 3.3V, Code = FFh
A
B
C
D
1k
10k
100k
1M
10M
-7
-6
-5
-4
-3
-2
-1
0
1
0
246
RS & SHDN Pin Voltage (V)
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com