Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3SL340 Datasheet(PDF) 59 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 59 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 55Page - Altera Corporation EP3SL340 Datasheet HTML 56Page - Altera Corporation EP3SL340 Datasheet HTML 57Page - Altera Corporation EP3SL340 Datasheet HTML 58Page - Altera Corporation EP3SL340 Datasheet HTML 59Page - Altera Corporation EP3SL340 Datasheet HTML 60Page - Altera Corporation EP3SL340 Datasheet HTML 61Page - Altera Corporation EP3SL340 Datasheet HTML 62Page - Altera Corporation EP3SL340 Datasheet HTML 63Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–49
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.8-V
HSTL
CLASS I
4mA
GCLK
t
co
3.007
2.995
4.233
4.598
5.069
4.951
5.153
4.598
5.069
4.951
5.153
ns
GCLK
PLL
tco
3.363
3.363
4.756
5.160
5.679
5.536
5.803
5.160
5.679
5.536
5.803
ns
6mA
GCLK
t
co
3.000
2.988
4.231
4.596
5.068
4.950
5.152
4.596
5.068
4.950
5.152
ns
GCLK
PLL
t
co
3.356
3.356
4.754
5.158
5.678
5.535
5.802
5.158
5.678
5.535
5.802
ns
8mA
GCLK
t
co
2.992
2.980
4.224
4.589
5.061
4.943
5.145
4.589
5.061
4.943
5.145
ns
GCLK
PLL
t
co
3.348
3.348
4.746
5.151
5.671
5.528
5.795
5.151
5.671
5.528
5.795
ns
10mA
GCLK
t
co
2.995
2.983
4.227
4.592
5.065
4.947
5.149
4.592
5.065
4.947
5.149
ns
GCLK
PLL
t
co
3.351
3.351
4.749
5.154
5.675
5.532
5.799
5.154
5.675
5.532
5.799
ns
12mA
GCLK
t
co
2.992
2.980
4.229
4.596
5.069
4.951
5.153
4.596
5.069
4.951
5.153
ns
GCLK
PLL
t
co
3.348
3.348
4.752
5.158
5.679
5.536
5.803
5.158
5.679
5.536
5.803
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
tco
3.000
2.988
4.228
4.593
5.065
4.947
5.149
4.593
5.065
4.947
5.149
ns
GCLK
PLL
t
co
3.356
3.356
4.751
5.155
5.675
5.532
5.799
5.155
5.675
5.532
5.799
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
tco
3.012
3.000
4.242
4.608
5.080
4.962
5.164
4.608
5.080
4.962
5.164
ns
GCLK
PLL
t
co
3.368
3.368
4.764
5.170
5.690
5.547
5.814
5.170
5.690
5.547
5.814
ns
6mA
GCLK
t
co
3.008
2.996
4.243
4.609
5.083
4.965
5.167
4.609
5.083
4.965
5.167
ns
GCLK
PLL
t
co
3.364
3.364
4.765
5.171
5.693
5.550
5.817
5.171
5.693
5.550
5.817
ns
8mA
GCLK
t
co
3.004
2.992
4.238
4.605
5.078
4.960
5.162
4.605
5.078
4.960
5.162
ns
GCLK
PLL
t
co
3.360
3.360
4.761
5.167
5.688
5.545
5.812
5.167
5.688
5.545
5.812
ns
10mA
GCLK
t
co
2.997
2.985
4.231
4.598
5.071
4.953
5.155
4.598
5.071
4.953
5.155
ns
GCLK
PLL
t
co
3.353
3.353
4.754
5.160
5.681
5.538
5.805
5.160
5.681
5.538
5.805
ns
12mA
GCLK
t
co
2.998
2.986
4.238
4.606
5.081
4.963
5.165
4.606
5.081
4.963
5.165
ns
GCLK
PLL
tco
3.354
3.354
4.761
5.168
5.691
5.548
5.815
5.168
5.691
5.548
5.815
ns
1.5-V
HSTL
CLASS II
16mA
GCLK
t
co
2.996
2.984
4.219
4.584
5.055
4.937
5.139
4.584
5.055
4.937
5.139
ns
GCLK
PLL
tco
3.352
3.352
4.742
5.146
5.665
5.522
5.789
5.146
5.665
5.522
5.789
ns
Table 1–43. EP3SL50 Column Pins output Timing Parameters (Part 6 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com