Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3SL340 Datasheet(PDF) 40 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 40 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 36Page - Altera Corporation EP3SL340 Datasheet HTML 37Page - Altera Corporation EP3SL340 Datasheet HTML 38Page - Altera Corporation EP3SL340 Datasheet HTML 39Page - Altera Corporation EP3SL340 Datasheet HTML 40Page - Altera Corporation EP3SL340 Datasheet HTML 41Page - Altera Corporation EP3SL340 Datasheet HTML 42Page - Altera Corporation EP3SL340 Datasheet HTML 43Page - Altera Corporation EP3SL340 Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 341 page
background image
1–30
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
OCT Calibration Block Specifications
Table 1–34 lists the on-chip termination calibration block specifications for Stratix III
devices.
DCD Specifications
Table 1–35 lists the worst case duty cycle distortion for Stratix III devices.
I/O Timing
The following sections describe the timing models, preliminary and final timings, I/O
timing measurement methodology, I/O default capacitive loading, programmable
IOE delay, programmable output buffer delay, user I/O timing, and dedicated clock
pin timing.
Timing Model
The DirectDrive technology and MultiTrack interconnect ensure predictable
performance, accurate simulation, and accurate timing analysis across all Stratix III
device densities and speed grades. This section describes the performance of the
Stratix III device I/Os.
All specifications except the fast model are representative of worst-case supply
voltage and junction temperature conditions. Fast model specifications are
representative of best case process, supply voltage, and junction temperature
conditions.
The timing numbers listed in this section are extracted from the Quartus II software
version 8.1.
Table 1–34. On-Chip Termination Calibration Block Specification
Symbol
Description
Min
Typical
Max
Unit
OCTUSRCLK
Clock required by OCT calibration blocks
—
—
20
MHz
t
OCTCAL
Number of OCTUSRCLK clock cycles required
for OCT Rs and Rt calibration
—
1000
—
cycles
t
OCTSHIFT
Number of OCTUSRCLK clock cycles required
for OCT code to shift out per OCT calibration block
—
28
—
cycles
t
RS_RT
Time required to dynamically switch from Rs to Rt
—
2.5
—
ns
Table 1–35. Duty Cycle Distortion on Stratix III I/O Pins (Note 1)
Symbol
C2
C3
C4
Unit
Min
Max
Min
Max
Min
Max
Output Duty Cycle
45
55
45
55
45
55
%
Note to Table 1–35:
(1) The DCD specification applies to clock outputs from the PLLs, global clock tree, and IOE driving dedicated and
general-purpose I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com