Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3SL340 Datasheet(PDF) 90 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 90 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 86Page - Altera Corporation EP3SL340 Datasheet HTML 87Page - Altera Corporation EP3SL340 Datasheet HTML 88Page - Altera Corporation EP3SL340 Datasheet HTML 89Page - Altera Corporation EP3SL340 Datasheet HTML 90Page - Altera Corporation EP3SL340 Datasheet HTML 91Page - Altera Corporation EP3SL340 Datasheet HTML 92Page - Altera Corporation EP3SL340 Datasheet HTML 93Page - Altera Corporation EP3SL340 Datasheet HTML 94Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 341 page
background image
1–80
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-18
CLASS I
4mA
GCLK
tco
3.033
3.269
4.613
4.993 5.503
5.367 5.579
5.126 5.638 5.503
5.649
ns
GCLK
PLL
t
co
1.339
1.501
1.909
1.997 2.194
2.212 2.159
2.134 2.340 2.357
2.148
ns
6mA
GCLK
t
co
3.028
3.255
4.610
4.992 5.502
5.366 5.578
5.124 5.636 5.501
5.647
ns
GCLK
PLL
tco
1.324
1.496
1.907
1.996 2.192
2.210 2.157
2.132 2.338 2.355
2.146
ns
8mA
GCLK
t
co
3.017
3.243
4.593
4.982 5.492
5.356 5.568
5.115 5.627 5.492
5.638
ns
GCLK
PLL
t
co
1.313
1.485
1.897
1.986 2.175
2.193 2.140
2.115 2.322 2.339
2.130
ns
10mA
GCLK
t
co
3.006
3.220
4.577
4.969 5.479
5.343 5.555
5.103 5.615 5.480
5.626
ns
GCLK
PLL
t
co
1.290
1.474
1.884
1.973 2.160
2.178 2.125
2.100 2.307 2.324
2.115
ns
12mA
GCLK
tco
3.006
3.219
4.576
4.969 5.479
5.343 5.555
5.102 5.615 5.480
5.626
ns
GCLK
PLL
t
co
1.290
1.473
1.884
1.973 2.159
2.177 2.124
2.099 2.306 2.323
2.114
ns
SSTL-18
CLASS II
8mA
GCLK
t
co
3.014
3.228
4.574
4.966 5.474
5.338 5.550
5.098 5.609 5.474
5.620
ns
GCLK
PLL
t
co
1.299
1.480
1.883
1.970 2.153
2.171 2.118
2.094 2.299 2.316
2.107
ns
16mA
GCLK
t
co
3.015
3.223
4.573
4.974 5.484
5.348 5.560
5.107 5.620 5.485
5.631
ns
GCLK
PLL
t
co
1.299
1.483
1.889
1.978 2.155
2.173 2.120
2.096 2.303 2.320
2.111
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.036
3.265
4.624
5.004 5.516
5.380 5.592
5.136 5.650 5.515
5.661
ns
GCLK
PLL
t
co
1.335
1.504
1.918
2.008 2.211
2.229 2.176
2.147 2.356 2.373
2.164
ns
6mA
GCLK
tco
3.022
3.243
4.606
4.994 5.506
5.370 5.582
5.127 5.641 5.506
5.652
ns
GCLK
PLL
t
co
1.312
1.490
1.907
1.998 2.194
2.212 2.159
2.131 2.340 2.357
2.148
ns
8mA
GCLK
t
co
3.011
3.226
4.589
4.981 5.493
5.357 5.569
5.114 5.628 5.493
5.639
ns
GCLK
PLL
t
co
1.295
1.478
1.894
1.985 2.176
2.194 2.141
2.113 2.323 2.340
2.131
ns
Table 1–54. EP3SL70 Row Pins Output Timing Parameters (Part 3 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com