Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5764CSUZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD5764CSUZ
Description  Complete Quad, 16-Bit, High Accuracy
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764CSUZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5764CSUZ Datasheet HTML 8Page - Analog Devices AD5764CSUZ Datasheet HTML 9Page - Analog Devices AD5764CSUZ Datasheet HTML 10Page - Analog Devices AD5764CSUZ Datasheet HTML 11Page - Analog Devices AD5764CSUZ Datasheet HTML 12Page - Analog Devices AD5764CSUZ Datasheet HTML 13Page - Analog Devices AD5764CSUZ Datasheet HTML 14Page - Analog Devices AD5764CSUZ Datasheet HTML 15Page - Analog Devices AD5764CSUZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5764
Data Sheet
Rev. F | Page 12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
10000
20000
30000
40000
50000
60000
DAC CODE
TA = 25°C
AVDD/AVSS = ±15V
VREFIN = 5V
Figure 7. Integral Nonlinearity Error vs. Code,
AVDD/AVSS = ±15 V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
10000
20000
30000
40000
50000
60000
DAC CODE
TA = 25°C
AVDD/AVSS = ±12V
VREFIN = 5V
Figure 8. Integral Nonlinearity Error vs. Code,
AVDD/AVSS = ±12 V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
10000
20000
30000
40000
50000
60000
DAC CODE
TA = 25°C
AVDD/AVSS = ±15V
VREFIN = 5V
Figure 9. Differential Nonlinearity Error vs. Code,
AVDD/AVSS = ±15 V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
10000
20000
30000
40000
50000
60000
DAC CODE
TA = 25°C
AVDD/AVSS = ±12V
VREFIN = 5V
Figure 10. Differential Nonlinearity Error vs. Code,
AVDD/AVSS = ±12 V
0.5
0.4
0.3
0.2
0.1
–0.2
–0.1
0
–40
100
–20
0
20
40
60
80
TEMPERATURE (°C)
TA = 25°C
AVDD/AVSS = ±15V
VREFIN = 5V
Figure 11. Integral Nonlinearity Error vs. Temperature,
AVDD/AVSS = ±15 V
0.5
0.4
0.3
0.2
0.1
–0.1
0
–40
100
–20
0
20
40
60
80
TEMPERATURE (°C)
TA = 25°C
AVDD/AVSS = ±12V
VREFIN = 5V
Figure 12. Integral Nonlinearity Error vs. Temperature,
AVDD/AVSS = ±12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com