Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5764CSUZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD5764CSUZ
Description  Complete Quad, 16-Bit, High Accuracy
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764CSUZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5764CSUZ Datasheet HTML 20Page - Analog Devices AD5764CSUZ Datasheet HTML 21Page - Analog Devices AD5764CSUZ Datasheet HTML 22Page - Analog Devices AD5764CSUZ Datasheet HTML 23Page - Analog Devices AD5764CSUZ Datasheet HTML 24Page - Analog Devices AD5764CSUZ Datasheet HTML 25Page - Analog Devices AD5764CSUZ Datasheet HTML 26Page - Analog Devices AD5764CSUZ Datasheet HTML 27Page - Analog Devices AD5764CSUZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
AD5764
Rev. F | Page 25 of 28
APPLICATIONS INFORMATION
TYPICAL OPERATING CIRCUIT
Figure 36 shows the typical operating circuit for the AD5764.
The only external components needed for this precision 16-bit
DAC are a reference voltage source, decoupling capacitors on
the supply pins and reference inputs, and an optional short-
circuit current setting resistor. Because the device incorporates
reference buffers, it eliminates the need for an external bipolar
reference and associated buffers. This leads to an overall savings
in both cost and board space.
In Figure 36, AVDD is connected to +15 V and AVSS is connected
to −15 V. However, AVDD can operate with supplies from +11.4 V
to +16.5 V and AVSS can operate with supplies from −11.4 V to
−16.5 V.
1
2
3
4
5
6
7
8
23
22
21
18
19
20
24
17
9
10 11 12 13 14 15 16
32 31 30 29 28 27 26 25
AD5764
SYNC
SCLK
SDIN
SDO
D0
LDAC
CLR
D1
VOUTA
VOUTB
AGNDB
VOUTD
VOUTC
AGNDC
AGNDA
AGNDD
SYNC
SCLK
SDIN
SDO
LDAC
D0
D1
RSTOUT
RSTIN
BIN/2sCOMP
+5V
+5V
+15V –15V
NC = NO CONNECT
+15V –15V
VOUTA
VOUTB
VOUTC
VOUTD
100nF
10µF
100nF
100nF
100nF
10µF
10µF
10µF
ADR02
4
GND
2
6
VOUT
VIN
+15V
Figure 36. Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com