Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5764CSUZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD5764CSUZ
Description  Complete Quad, 16-Bit, High Accuracy
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764CSUZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5764CSUZ Datasheet HTML 11Page - Analog Devices AD5764CSUZ Datasheet HTML 12Page - Analog Devices AD5764CSUZ Datasheet HTML 13Page - Analog Devices AD5764CSUZ Datasheet HTML 14Page - Analog Devices AD5764CSUZ Datasheet HTML 15Page - Analog Devices AD5764CSUZ Datasheet HTML 16Page - Analog Devices AD5764CSUZ Datasheet HTML 17Page - Analog Devices AD5764CSUZ Datasheet HTML 18Page - Analog Devices AD5764CSUZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
AD5764
Rev. F | Page 15 of 28
7000
3000
4000
5000
6000
2000
–1000
0
1000
–10
10
5
0
–5
SOURCE/SINK CURRENT (mA)
AVDD/AVSS = ±15V
AVDD/AVSS = ±12V
TA = 25°C
VREFIN = 5V
RISCC = 6kΩ
Figure 25. Source and Sink Capability of Output Amplifier with
Positive Full Scale Loaded
10000
7000
8000
9000
3000
4000
5000
6000
2000
–1000
0
1000
–12
8
3
–2
–7
SOURCE/SINK CURRENT (mA)
15V SUPPLIES
12V SUPPLIES
TA = 25°C
VREFIN = 5V
RISCC = 6kΩ
Figure 26. Source and Sink Capability of Output Amplifier with
Negative Full Scale Loaded
CH1 3.00V
M1.00µs
CH1
–120mV
1
AVDD/AVSS = ±15V
TA = 25°C
VREFIN = 5V
1µs/DIV
Figure 27. Full-Scale Settling Time
–4
–6
–8
–10
–12
–14
–16
–18
–20
–22
–24
–26
–2.0–1.5–1.0–0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
TIME (µs)
AVDD/AVSS = ±12V
VREFIN = 5V
TA = 25°C
0x8000 TO 0x7FFF
500ns/DIV
Figure 28. Major Code Transition Glitch Energy, AVDD/AVSS = ±12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com