Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2970CUFD Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2970CUFD
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2970CUFD Datasheet HTML 3Page - Linear Technology LTC2970CUFD Datasheet HTML 4Page - Linear Technology LTC2970CUFD Datasheet HTML 5Page - Linear Technology LTC2970CUFD Datasheet HTML 6Page - Linear Technology LTC2970CUFD Datasheet HTML 7Page - Linear Technology LTC2970CUFD Datasheet HTML 8Page - Linear Technology LTC2970CUFD Datasheet HTML 9Page - Linear Technology LTC2970CUFD Datasheet HTML 10Page - Linear Technology LTC2970CUFD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC2970/LTC2970-1
7
29701fc
OUTPUT CODE (LSBs)
–2
100000
1,000,000
10,000,000
1
29701 G07
10,000
1000
–1
0
2
100
10
1
VIN = 0V
DAC CODE
0
0
0.25
200
29701 G08
–0.25
–0.50
50
100
150
250
0.50
CHANNELS 0 AND 1 SHOWN
RIOUT0 = RIOUT1 = 10k
DAC CODE
0
0
0.25
200
29701 G09
–0.25
–0.50
50
100
150
250
0.50
CHANNELS 0 AND 1 SHOWN
RIOUT0 = RIOUT1 = 10k
TEMPERATURE ( C)
–50
–0.175
–0.150
–0.100
–0.075
–0.050
50
0.050
29701 G01
–0.125
0
–25
75
25
100
–0.025
0
0.025
BASED ON AVERAGE OF 15 PARTS
ASSEMBLED ON 1/8" THICK PCB
1V
1.8V
2.5V
3.3V
ADC VIN = 5V
INPUT VOLTAGE (V)
0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
35
29701 G02
12
46
INPUT VOLTAGE (V)
0
–0.25
0
0.25
3
5
29701 G03
–0.50
–0.75
–1.00
12
4
0.50
0.75
1.00
6
TEMPERATURE ( C)
–50
–335
–330
–325
–320
–315
–305
–25
025
50
29701 G04
75
100
–310
FREQUENCY AT VIN (Hz)
1
–100
–90
–70
–60
–50
0
–30
10
100
29701 G05
–80
–20
–10
–40
1000
10000
FREQUENCY AT VIN (Hz)
0
–100
–80
–60
–40
5000 10000 15000 20000
29701 G06
25000
–20
0
–90
–70
–50
–30
–10
30000
ADC Total Unadjusted Error
vs Temperature
ADC INL
ADC DNL
TYPICAL PERFOR A CE CHARACTERISTICS
ADC Zero Code Center Offset
Voltage vs Temperature
ADC Rejection vs Frequency
at VIN
ADC Noise Histogram
Voltage Buffered IDAC INL
ADC Rejection vs Frequency
at VIN
Voltage Buffered IDAC DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com