Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2970CUFD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2970CUFD
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD Datasheet(HTML) 4 Page - Linear Technology

  LTC2970CUFD Datasheet HTML 1Page - Linear Technology LTC2970CUFD Datasheet HTML 2Page - Linear Technology LTC2970CUFD Datasheet HTML 3Page - Linear Technology LTC2970CUFD Datasheet HTML 4Page - Linear Technology LTC2970CUFD Datasheet HTML 5Page - Linear Technology LTC2970CUFD Datasheet HTML 6Page - Linear Technology LTC2970CUFD Datasheet HTML 7Page - Linear Technology LTC2970CUFD Datasheet HTML 8Page - Linear Technology LTC2970CUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC2970/LTC2970-1
4
29701fc
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Buffered IDAC Output Characteristics
INL_VOUT
Integral Nonlinearity
RIOUTn = 10kΩ, No Load on VOUTn (Note 5)
●
±1
LSB
DNL_VOUT
Differential Nonlinearity
RIOUTn = 10kΩ, No Load on VOUTn (Note 5)
●
±1
LSB
VOS-VOUT
Offset Voltage
VOS = VOUTn – VIOUTn, No Load on VOUTn
●
1.6
±10
mV
Output Voltage Drift
No Load on VOUTn
0.17
μV/°C
VOUT
Load Regulation
0.1V < VOUTn < VDD – 1.5V, IVOUTn Source = 1mA
–57
ppm/mA
0.1V < VOUTn < VDD – 1.5V, IVOUTn Sink = 1mA
100
ppm/mA
Leakage Current
VOUTn High-Z, 0V ≤ VOUTn ≤ VDD
●
1
±100
nA
Short-Circuit Current Low
VOUTn Shorted to GND
●
–50
mA
Short-Circuit Current High
VOUTn Shorted to VDD
●
50
mA
Soft Connect Comparator Characteristics (CMP0, CMP1)
VOS
Offset Voltage
±3
mV
Temperature Sensor Characteristics
TMP
Gain
0.25
°C/LSB
12VIN Voltage Divider Characteristics
GAIN_12VIN Gain
●
0.329
0.333
0.335
V/V
Digital Inputs SCL, SDA, GPIO_CFG, GPIO_0, GPIO_1
VIH
Input High Threshold Voltage
SDA, SCL
●
2.1
V
GPIO_CFG, GPIO_0, GIPO_1
●
1.6
V
VIL
Input Low Threshold Voltage
SDA, SCL
●
1.5
V
GPIO_CFG, GPIO_0, GIPO_1
●
1.0
V
VHYST
Input Hysteresis
0.08
V
ILEAK
Input Leakage Current
0V ≤ VIN ≤ 6V
●
±1
μA
CIN
Input Capacitance
10
pF
Three State Inputs ASEL[1:0]
VIH_ASEL
Input High Threshold Voltage
●
VDD – 0.5
V
VIL_ASEL
Input Low Threshold Voltage
●
0.5
V
IIN,HL
High, Low Input Current
ASEL[1:0] = 0, VDD
●
±20
μA
IIN,Z
High Z Input Current
●
±2
μA
Open Drain Outputs SDA, GPIO_CFG, GPIO_0, GPIO_1, ⎯A⎯L⎯E⎯R⎯T
VOL
Output Low Voltage
ISINK = 3mA
●
0.4
V
IOH
Input Leakage Current
0V ≤ VIN ≤ 6V
●
±1
μA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V12VIN = 12V, VDD and REF pins floating unless otherwise indicated,
CVDD = 100nF and CREF = 100nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com