Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2970CUFD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2970CUFD
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD Datasheet(HTML) 5 Page - Linear Technology

  LTC2970CUFD Datasheet HTML 1Page - Linear Technology LTC2970CUFD Datasheet HTML 2Page - Linear Technology LTC2970CUFD Datasheet HTML 3Page - Linear Technology LTC2970CUFD Datasheet HTML 4Page - Linear Technology LTC2970CUFD Datasheet HTML 5Page - Linear Technology LTC2970CUFD Datasheet HTML 6Page - Linear Technology LTC2970CUFD Datasheet HTML 7Page - Linear Technology LTC2970CUFD Datasheet HTML 8Page - Linear Technology LTC2970CUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC2970/LTC2970-1
5
29701fc
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C Interface Timing Characteristics
fSCL
Serial Clock Frequency
(Note 6)
●
10
400
kHz
tLOW
Serial Clock Low Period
(Note 6)
●
1.3
μs
tHIGH
Serial Clock High Period
(Note 6)
●
0.6
μs
tBUF
Bus Free Time Between Stop and Start
(Note 6)
●
1.3
μs
tHD,STA
Start Condition Hold Time
(Note 6)
●
600
ns
tSU,STA
Start Condition Setup Time
(Note 6)
●
600
ns
tSU,STO
Stop Condition Setup Time
(Note 6)
●
600
ns
tHD,DAT
Data Hold Time (LTC2970 Receiving Data)
Data Hold Time (LTC2970 Transmitting Data)
(Note 6)
●
0
300
900
ns
ns
tSU,DAT
Data Setup Time (LTC2970 Receiving Data)
(Note 6)
●
100
ns
tSP
Pulse Width of Spike Suppressed
(Note 6)
●
98
ns
tSETUP_GPIO
GPIO_0 and GPIO_1 Setup Time
GPIO_0 and GPIO_1 input setup time
prior to the 26th rising SCL of an IO()
I2C read. These inputs must be valid and
stable by this time to be returned in the
IO() read result. (Note 6)
●
2.5
μs
tHOLD_GPIO
GPIO_0 and GPIO_1 Hold Time
GPIO_0 and GPIO_1 input hold time
after the 26th rising SCL of an IO() I2C
read. These inputs must be held until
this amount of time has elapsed to be
returned in the IO() read result. (Note 6)
●
2.5
μs
tOUT_GPIO
GPIO_0 and GPIO_1 Output Time
GPIO_0 and GPIO_1 output delay after
the 35th rising SCL of an I2C write. These
outputs will become high impedance or
begin driving low by this time. (Note 6)
●
2.5
μs
Internal Timers
tTIMEOUT_SMB Stuck BUS Timer
The LTC2970 will release the I2C bus and
terminate the current command if the
command is not completed before this
amount of time has elapsed.
24
32
39
ms
tSETUP_ADC
ADC Channel Setup Time
After selecting a new ADC channel, the
LTC2970 will wait this amount of time
to allow the analog input to settle before
beginning an ADC conversion.
304
μs
tTIMEOUT_
SYNC
Tracking SYNC Failure Timer
LTC2970-1 Only: The LTC2970-1 will
abort a pending SYNC() command if a
tracking command is not received before
this amount of time has elapsed.
255
ms
tHOLD_TRACK
Tracking IDAC Disconnect Delay
LTC2970-1 Only: After the tracking
algorithm asserts CPIO_CFG low, the
LTC2970-1 will delay disconnecting the
IDACs from the power supply feedback
nodes by this amount of time. Used while
tracking power supplies on.
32
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com