Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8306SEC Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC8306SEC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306SEC Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8306SEC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
MPC8306S PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 1
32
Freescale Semiconductor
USB
The following figures provide the AC test load and signals for the USB, respectively.
Figure 23. USB AC Test Load
Figure 24. USB Signals
USB clock to output valid—USBDR_STP
tUSKHOV
—7.5
ns
—
Output hold from USB clock—all outputs
tUSKHOX
2—
ns
—
Note
:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tUSIXKH symbolizes USB timing
(USB) for the input (I) to go invalid (X) with respect to the time the USB clock reference (K) goes high (H). Also, tUSKHOX
symbolizes us timing (USB) for the USB clock reference (K) to go high (H), with respect to the output (O) going invalid (X) or
output hold time.
Table 31. USB General Timing Parameters (continued)
Parameter
Symbol1
Min
Max
Unit
Note
Output
Z0 = 50 
OVDD/2
RL = 50 
Output Signals
tUSKHOV
USBDR_CLK
Input Signals
tUSIXKH
tUSIVKH
tUSKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com