Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8306SEC Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC8306SEC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306SEC Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8306SEC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
MPC8306S PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 1
Freescale Semiconductor
49
Package and Pin Listings
Clock Interface
QE_CLK_IN
P23
I
OVDD
—
SYS_CLK_IN
R23
I
OVDD
—
RTC_PIT_CLOCK
V23
I
OVDD
—
Miscellaneous Signals
QUIESCE_B
A2
O
OVDD
—
THERM0
D6
I
OVDD
—
GPIO
GPIO[0]/MSRCID0 (DDR ID)
E5
IO
OVDD
—
GPIO[1]/MSRCID1 (DDR ID)
E6
IO
OVDD
—
GPIO[2]/MSRCID2 (DDR ID)
D4
IO
OVDD
—
GPIO[3]/MSRCID3 (DDR ID)
C2
IO
OVDD
—
GPIO[4]/MSRCID4 (DDR ID)
C1
IO
OVDD
—
GPIO[5]/MDVAL (DDR ID)
B1
IO
OVDD
—
GPIO[6]/QE_EXT_REQ_3
B3
IO
OVDD
—
GPIO[7]/QE_EXT_REQ_1
B2
IO
OVDD
—
USB
USBDR_PWRFAULT/IIC_SDA2/CE_PIO_1
AC4
IO
OVDD
2
USBDR_CLK/UART2_SIN[2]/UART2_CTS_B[1]
Y9
I
OVDD
USBDR_DIR/IIC_SCL2
AC3
IO
OVDD
2
USBDR_NXT/UART2_SIN[1]/QE_EXT_REQ_4
AC2
IO
OVDD
—
USBDR_PCTL[0]/UART2_SOUT[1]/
LB_POR_CFG_BOOT_ECC
AB3
IO
OVDD
—
USBDR_PCTL[1]/UART2_SOUT[2]/
UART2_RTS_B1/LB_POR_BOOT_ERR
Y8
O
OVDD
—
USBDR_STP/QE_EXT_REQ_2
W6
IO
OVDD
—
USBDR_TXDRXD[0]/UART1_SOUT[1]/
GPIO[32]/QE_TRB_O
AB7
IO
OVDD
—
USBDR_TXDRXD[1]/UART1_SIN[1]/GPIO[33]/
QE_TRB_I
AB8
IO
OVDD
—
USBDR_TXDRXD[2]/UART1_SOUT[2]/
UART1_RTS_B1/QE_BRG[1]
AC6
IO
OVDD
—
USBDR_TXDRXD[3]/UART1_SIN[2]/
UART1_CTS_B1/QE_BRG[2]
AC5
IO
OVDD
—
USBDR_TXDRXD[4]/GPIO[34]/QE_BRG[3]
AB5
IO
OVDD
—
USBDR_TXDRXD[5]/GPIO[35]/QE_BRG[4]
Y7
IO
OVDD
—
USBDR_TXDRXD[6]/GPIO[36]/QE_BRG[9]
Y6
IO
OVDD
—
Table 46.
MPC8306S Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com