Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8306S Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC8306S
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306S Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8306S Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
MPC8306S PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 1
Freescale Semiconductor
53
Package and Pin Listings
VDD
H8,H9,H10,H11,H12,H1
3,H14,H15,H16,J8,J16,K
8,K16,M8,N16,P8,P16,R
8,R16,T8,T9,T10,T11,T1
2,T13,T14,T15,T16
——
—
VSS
A1,B4,B6,B9,B12,B15,B
18,B21,C22,D2,D5,D18,
D20,F2,F22,J2,J9,J10,J
11,J12,J13,J14,J15,J22,
K4,K9,K10,K11,K12,K13
,K14,K15,L9,L10,L11,L1
2,L13,L14,L15,M2,M9,M
10,M11,M12,M13,M14,M
15,M22,N9,N10,N11,N1
2,N13,N14,N15,P9,P10,
P11,P12,P13,P14,P15,R
2,R9,R10,R11,R12,R13,
R14,R15,R22,T4,V2,V19
,V22,W4,Y19,AA2,AA22,
AB4,AB6,AB9,AB12,AB1
5,AB18,AB21,AC1,AC23
——
—
NC
A23
—
—
—
Notes
1. This pin is an open drain signal. A weak pull-up resistor (1 kΩ) should be placed on this pin to OVDD
2. This pin is an open drain signal. A weak pull-up resistor (2-10 kΩ) should be placed on this pin to OVDD
3. This pin has weak pull-up that is always enabled.
Table 46.
MPC8306S Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com