Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7812SPAP Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 37 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 33Page - Texas Instruments AMC7812SPAP Datasheet HTML 34Page - Texas Instruments AMC7812SPAP Datasheet HTML 35Page - Texas Instruments AMC7812SPAP Datasheet HTML 36Page - Texas Instruments AMC7812SPAP Datasheet HTML 37Page - Texas Instruments AMC7812SPAP Datasheet HTML 38Page - Texas Instruments AMC7812SPAP Datasheet HTML 39Page - Texas Instruments AMC7812SPAP Datasheet HTML 40Page - Texas Instruments AMC7812SPAP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
300
1.008
´
eff
h
N
ADJUST
=300 -
1.008
300
300
N
´
-
ADJUST
heff =
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
Remote Sensing Diode
Errors in remote temperature sensor readings are typically the consequence of the ideality factor and current
excitation used by the AMC7812 versus the manufacturer-specified operating current for a given transistor. Some
manufacturers specify a low-level (ILOW) and high-level (IHIGH) current for the temperature-sensing substrate
transistors. The AMC7812 uses 6
μA for ILOW and 120μA for IHIGH. The AMC7812 is designed to work with
discrete transistors, such as the 2N3904 and 2N3906. If an alternative transistor is used, the AMC7812 operates
as specified, as long as the following conditions are met:
1. Base-emitter voltage > 0.25V at 6
μA, at the highest sensed temperature.
2. Base-emitter voltage < 0.95V at 120
μA, at the lowest sensed temperature.
3. Base resistance < 100
Ω.
4. Tight control of VBE characteristics indicated by small variations in hFE (that is, 50 to 150).
Ideality Factor
The ideality factor (
η) is a measured characteristic of a remote temperature sensor diode as compared to an
ideal diode. The AMC7812 allows for different
η-factor values, according to Table 3. The AMC7812 is trimmed for
a power-on reset (POR) value of
η = 1.008. If η is different, the η-Factor Correction Register can be used. The
value (NADJUST) written in this register must be in twos complement format, as shown in Table 3. This value is
used to adjust the effective
η-factor according to Equation 2 and Equation 3.
Table 3.
η-Factor Range (Single Byte)
NADJUST
BINARY
HEX
DECIMAL
ηEFF
0111 1111
7F
127
1.747977
0000 1010
0A
10
1.042759
0000 1000
08
8
1.035616
0000 0110
06
6
1.028571
0000 0100
04
4
1.021622
0000 0010
02
2
1.014765
0000 0001
01
1
1.011371
0000 0000
00
0
1.008
1111 1111
FF
–1
1.004651
1111 1110
FE
–2
1.001325
1111 1100
FC
–4
0.994737
1111 1010
FA
–6
0.988235
1111 1000
F8
–8
0.981818
1111 0110
F6
–10
0.975484
1000 0000
80
–128
0.706542
(2)
Where:
ηEFF is the actual ideality of the transistor being used
NADJUST is the corrected ideality being used in the calculation
(3)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com