Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7812SPAP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 14Page - Texas Instruments AMC7812SPAP Datasheet HTML 15Page - Texas Instruments AMC7812SPAP Datasheet HTML 16Page - Texas Instruments AMC7812SPAP Datasheet HTML 17Page - Texas Instruments AMC7812SPAP Datasheet HTML 18Page - Texas Instruments AMC7812SPAP Datasheet HTML 19Page - Texas Instruments AMC7812SPAP Datasheet HTML 20Page - Texas Instruments AMC7812SPAP Datasheet HTML 21Page - Texas Instruments AMC7812SPAP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
0
50
100
150
200
250
300
350
−12 −11 −10 −9
−8
−7
−6
−5
−4
−3
−2
−1
0
ILOAD (mA)
080h
040h
020h
010h
000h
TA = +25°C
AVCC = 15V
Gain = 2
VREF = 2.5V, Internal
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
4.5
6
7.5
9
10.5
12
13.5
15
16.5
18
AVCC (V)
TA = +25°C
Gain = 2
VREF = 2V, External
Code = 800h
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
−40
−30
−20
−10
0
10
20
30
40
ILOAD (mA)
TA = +25°C
AVCC = 15V
Gain = 2
VREF = 2.5V, Internal
Code = 800h
4.7
4.75
4.8
4.85
4.9
4.95
5
0
2
4
6
8
10
12
ILOAD (mA)
FFFh
FF0h
FE0h
FC0h
F80h
TA = +25°C
AVCC = 5V
Gain = 2
VREF = 2.5V, Internal
−3
−2
−1
0
1
2
3
4.5
6
7.5
9
10.5
12
13.5
15
16.5
18
AVCC (V)
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
Code = 020h
−5
−3
−1
1
3
5
12
13
14
15
16
17
18
AVCC (V)
TA = +25°C
Gain = 5
VREF = 2.5V, Internal
Code = 020h
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS: DAC (continued)
At +25°C, unless otherwise noted.
OFFSET VOLTAGE vs SUPPLY VOLTAGE
OFFSET VOLTAGE vs SUPPLY VOLTAGE
Figure 30.
Figure 31.
OUTPUT VOLTAGE vs OUTPUT CURRENT
OUTPUT VOLTAGE vs SOURCE CURRENT CAPABILITY
Figure 32.
Figure 33.
OUTPUT VOLTAGE vs SINK CURRENT CAPABILITY
DAC SUPPLY CURRENT vs DAC SUPPLY VOLTAGE
Figure 34.
Figure 35.
18
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com