Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7812SPAP Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 65 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 61Page - Texas Instruments AMC7812SPAP Datasheet HTML 62Page - Texas Instruments AMC7812SPAP Datasheet HTML 63Page - Texas Instruments AMC7812SPAP Datasheet HTML 64Page - Texas Instruments AMC7812SPAP Datasheet HTML 65Page - Texas Instruments AMC7812SPAP Datasheet HTML 66Page - Texas Instruments AMC7812SPAP Datasheet HTML 67Page - Texas Instruments AMC7812SPAP Datasheet HTML 68Page - Texas Instruments AMC7812SPAP Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
DAC-n-DATA REGISTERS (Read/Write, Addresses = 33h to 3Eh, Default 0000h)
Each DAC has a DAC data register to store the data [DAC11:DAC0] that is loaded into the DAC Latches.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Bits[11:0]
DAC data.
DAC-n-CLR-SETTING REGISTERS (Read/Write, Addresses = 3Fh to 4Ah, Default 0000h)
Each DAC has a DAC-CLR-Setting Register to store the data to be loaded into the DAC Latch when the DAC is
cleared.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
GPIO REGISTER (Read/Write, Address = 4Bh, Default = 00FFh)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
GPIO-
GPIO-
GPIO-
GPIO-
GPIO-
GPIO-
GPIO-
GPIO-
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
For write operations, the GPIO pin operates as an output. Writing a '1' to the GPIO-n bit sets the GPIO-n pin to
high impedance. Writing a '0' sets the GPIO-n pin to logic low. An external pull-up resistor is required when using
the GPIO pin as an output.
For read operations, the GPIO pin operates as an input. Read the GPIO-n bit to receive the status of the GPIO-n
pin. Reading a '0' indicates that the GPIO-n pin is low; reading a '1' indicates that the GPIO-n pin is high.
After power-on reset, or any forced hardware or software reset, the GPIO-n bit is set to '1' and is in a high-
impedance state.
When D1 is enabled, GPIO-4 and GPIO-5 are ignored.
When D2 is enabled, GPIO-6 and GPIO-7 are ignored.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com