Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7812SPAP Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 75 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 71Page - Texas Instruments AMC7812SPAP Datasheet HTML 72Page - Texas Instruments AMC7812SPAP Datasheet HTML 73Page - Texas Instruments AMC7812SPAP Datasheet HTML 74Page - Texas Instruments AMC7812SPAP Datasheet HTML 75Page - Texas Instruments AMC7812SPAP Datasheet HTML 76Page - Texas Instruments AMC7812SPAP Datasheet HTML 77Page - Texas Instruments AMC7812SPAP Datasheet HTML 78Page - Texas Instruments AMC7812SPAP Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
HW-DAC-CLR-EN 1 REGISTER (Read/Write, Address = 57h, Default = 0000h)
This register determines which DAC is in a clear state when the DAC-CLR-1 pin goes low.
MSB
LSB
BIT
BIT
BIT
BIT
15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
2
1
0
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
Bits[14:3]
H1CLRn: Hardware clear DAC-n enable 1 bit.
If H1CLRn = '1', DAC-n is forced into a clear state when the DAC-CLR-1 pin goes low.
If H1CLRn = '0', pulling the DAC-CLR-1 pin low does not effect the state of DAC-n.
DAC CONFIGURATION REGISTER (Read/Write, Address = 58h, Default = 0000h)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
Bits[11:0]
SLDA-n: DAC synchronous load enable bit.
If SLDA-n = '1', synchronous load is enabled. When internal load DAC signal ILDAC occurs, the DAC-n Latch is loaded
with the value of the corresponding DACn-Data Register, and the output of DAC-n is updated immediately. The internal
load DAC signal ILDAC is generated by writing a '1' to the ILDAC bit in the AMC Configuration Register. In synchronous
Load, a write command to the DAC-n-Data Register updates that register only, and does not change the DAC-n output.
If SLDA-n = '0', asynchronous load is enabled. A write command to the DAC-n-Data Register immediately updates the
DAC-n Latch and the output of DAC-n. The synchronous load DAC signal (ILDAC) does not affect DACn. the default
value of SLDA-n = '0'. The AMC7812 updates the DAC Latch only if the ILDAC bit was set ('1'), thereby eliminating
unnecessary glitch. Any DAC channels that have not been accessed are not reloaded. When the DAC Latch is updated,
the corresponding output changes to the new level immediately. Note that the SLDA-n bit is ignored in auto mode (DAC-n
Mode bits do not equal '00'). In auto mode, the DAC Latch is always updated asynchronously.
NOTE
The DACs can be forced into a clear state immediately by the external DAC-CLR-n signal,
by alarm events, and by writing to the SW-DAC-CLR Register. In these cases, the SLDA-n
bit is ignored.
DAC GAIN REGISTER (Read/Write, Address = 59h, Default = 0000h)
The DACn GAIN bits specify the output range of DACn.
MSB
LSB
BIT 15 BIT 14 BIT 13 BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DAC11
DAC10
DAC9
DAC8
DAC7
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
DAC0
0
0
0
0
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
Bits[11:0]
DACnGAIN: DACn gain bit.
If DACn GAIN = '1', the gain = 5 and the output is 0 to 5 · VREF
If DACn GAIN = '0', the gain = 2 and the output is 0 to 2 · VREF
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
75
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com