Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4364AID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4364AID
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4364AID Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4364AID Datasheet HTML 2Page - Texas Instruments OPA4364AID Datasheet HTML 3Page - Texas Instruments OPA4364AID Datasheet HTML 4Page - Texas Instruments OPA4364AID Datasheet HTML 5Page - Texas Instruments OPA4364AID Datasheet HTML 6Page - Texas Instruments OPA4364AID Datasheet HTML 7Page - Texas Instruments OPA4364AID Datasheet HTML 8Page - Texas Instruments OPA4364AID Datasheet HTML 9Page - Texas Instruments OPA4364AID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
10k
1k
100
10
1
Temperature ( C)
°
-50
-25
0
25
50
75
100
125
Temperature ( C)
°
-50
-25
0
25
50
75
100
125
10k
1k
100
10
1
3
2
1
0
-1
-2
-3
Output Current (mA)
0
±10 ±20 ±30 ±40 ±50
±60 ±70 ±80 ±90
T = 40 C
-
°
A
V = 2.5V
S
±
V = 1.65V
S
±
V = 0.9V
S
±
V = 2.5V
S
±
V = 1.65V
S
±
T = +25 C
°
A
T = +125 C
°
A
±100
4
2
0
-2
-4
-6
-8
-10
Common-Mode Voltage (V)
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
V
= +5.1V
CM
V
= 0.1V
-
CM
1000
100
10
Frequency (Hz)
10
100
1k
10k
100k
120
100
80
60
40
20
0
Supply Voltage (V)
1.5
2.0
+I
SC
-ISC
2.5
3.0
3.5
4.0
4.5
5.0
5.5
OPA363, OPA2363
OPA364, OPA2364, OPA4364
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ connected to VS/2, VOUT = VS/2, and VCM = VS/2, unless otherwise noted.
INPUT VOLTAGE NOISE SPECTRAL DENSITY
SHORT-CIRCUIT CURRENT
vs FREQUENCY
vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
OUTPUT VOLTAGE SWING
INPUT BIAS CURRENT
vs OUTPUT CURRENT
vs INPUT COMMON-MODE VOLTAGE
Figure 9.
Figure 10.
INPUT OFFSET CURRENT
INPUT BIAS CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com