Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4364AID Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4364AID
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4364AID Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA4364AID Datasheet HTML 19Page - Texas Instruments OPA4364AID Datasheet HTML 20Page - Texas Instruments OPA4364AID Datasheet HTML 21Page - Texas Instruments OPA4364AID Datasheet HTML 22Page - Texas Instruments OPA4364AID Datasheet HTML 23Page - Texas Instruments OPA4364AID Datasheet HTML 24Page - Texas Instruments OPA4364AID Datasheet HTML 25Page - Texas Instruments OPA4364AID Datasheet HTML 26Page - Texas Instruments OPA4364AID Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
OPA363AIDBVR
SOT-23
DBV
6
3000
210.0
185.0
35.0
OPA363AIDBVT
SOT-23
DBV
6
250
210.0
185.0
35.0
OPA363IDBVR
SOT-23
DBV
6
3000
210.0
185.0
35.0
OPA363IDBVT
SOT-23
DBV
6
250
210.0
185.0
35.0
OPA364AIDBVR
SOT-23
DBV
5
3000
210.0
185.0
35.0
OPA364AIDBVT
SOT-23
DBV
5
250
210.0
185.0
35.0
OPA364AIDR
SOIC
D
8
2500
367.0
367.0
35.0
OPA364IDBVR
SOT-23
DBV
5
3000
210.0
185.0
35.0
OPA364IDBVT
SOT-23
DBV
5
250
210.0
185.0
35.0
OPA364IDR
SOIC
D
8
2500
367.0
367.0
35.0
OPA4364AIDR
SOIC
D
14
2500
367.0
367.0
38.0
OPA4364AIPWR
TSSOP
PW
14
2500
367.0
367.0
35.0
OPA4364AIPWT
TSSOP
PW
14
250
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2013
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com