Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4364AID Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4364AID
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4364AID Datasheet(HTML) 3 Page - Texas Instruments

  OPA4364AID Datasheet HTML 1Page - Texas Instruments OPA4364AID Datasheet HTML 2Page - Texas Instruments OPA4364AID Datasheet HTML 3Page - Texas Instruments OPA4364AID Datasheet HTML 4Page - Texas Instruments OPA4364AID Datasheet HTML 5Page - Texas Instruments OPA4364AID Datasheet HTML 6Page - Texas Instruments OPA4364AID Datasheet HTML 7Page - Texas Instruments OPA4364AID Datasheet HTML 8Page - Texas Instruments OPA4364AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
OPA363, OPA2363
OPA364, OPA2364, OPA4364
www.ti.com
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, VOUT = VS/2, and VCM = VS/2, unless otherwise noted.
OPAx363, OPAx364
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CAPACITANCE
Differential
2
pF
Common-Mode
3
pF
OPEN-LOOP GAIN
RL = 10kΩ, 100mV < VO < (V+) – 100mV
Open-Loop Voltage Gain
AOL
94
100
dB
OPA4364AI
90
dB
over Temperature
VS = 1.8V to 5.5V
86
dB
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
7
MHz
Slew Rate
SR
G = +1
5
V/
μs
Settling Time, 0.1%
tS
VS = +5V, 4V Step, G = +1
1
µs
0.01%
VS = +5V, 4V Step, G = +1
1.5
µs
Overload Recovery Time
VIN · Gain > VS
0.8
µs
Total Harmonic Distortion + Noise
THD+N
VS = +5V, G = +1, f = 20Hz to 20kHz
0.002
%
OUTPUT
Voltage Output Swing
RL = 10kΩ
10
20
V
Over Temperature
RL = 10kΩ
20
V
Short-Circuit Current
ISC
See Typical Characteristics
Capacitive Load Drive
CLOAD
See Typical Characteristics
SHUTDOWN (for OPAx363)
tOFF
1
µs
tON
(1)
20
µs
Vl (shutdown)
(V–) + 0.8
V
Vh (amplifier is active)
0.75 (V+)
5.5
V
IQSD
0.9
µA
POWER SUPPLY
Specified Voltage Range
VS
1.8
5.5
V
Operating Voltage Range
1.8 to 5.5
V
Quiescent Current (per amplifier)
IQ
VS = +1.8V
650
750
µA
VS = +3.6V
850
1000
µA
VS = +5.5V
1.1
1.4
mA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–40
+150
°C
Storage Range
–65
+150
°C
Thermal Resistance
θJA
SOT23-5, SOT23-6
200
°C/W
MSOP-8, MSOP-10, SO-8
150
°C/W
TSSOP-14, SO-14
100
°C/W
(1)
Part is considered enabled when input offset voltage returns to specified range.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com