Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4364AID Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4364AID
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4364AID Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA4364AID Datasheet HTML 10Page - Texas Instruments OPA4364AID Datasheet HTML 11Page - Texas Instruments OPA4364AID Datasheet HTML 12Page - Texas Instruments OPA4364AID Datasheet HTML 13Page - Texas Instruments OPA4364AID Datasheet HTML 14Page - Texas Instruments OPA4364AID Datasheet HTML 15Page - Texas Instruments OPA4364AID Datasheet HTML 16Page - Texas Instruments OPA4364AID Datasheet HTML 17Page - Texas Instruments OPA4364AID Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
V
OUT
V = 1Vrms
IN
OPA363
150kW
19.5kW
220pF
1.8kW
3.3nF
47pF
R
11
3.92kW
R12
3.92kW
C
13
1000pF
R
14
3.48kW
C
15
1000pF
V
OUT
V
IN
R
1
3.92kW
R
3
1.33kW
C
4
1000pF
1/2
OPA2363
1/2
OPA2363
3
2
1
6
5
7
2
3
6
OPA363
OPA363, OPA2363
OPA364, OPA2364, OPA4364
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
ACTIVE FILTERING
Low harmonic distortion and noise specifications plus high gain and slew rate make the OPA363 and OPA364
optimal candidates for active filtering. Figure 31 shows the OPA2363 configured as a low-distortion, 3rd-order
GIC (General Immittance Converter) filter. Figure 32 shows the implementation of a Sallen-Key, 3-pole, low-pass
Bessel filter.
Figure 31. The OPA2363 as a 3rd-Order, 40kHz, Low-Pass GIC Filter
Figure 32. The OPA363 or OPA364 Configured as a 3-Pole, 20kHz, Sallen-Key Filter
14
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com