Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS1000BSTZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 39Page - Analog Devices ADAS1000BSTZ Datasheet HTML 40Page - Analog Devices ADAS1000BSTZ Datasheet HTML 41Page - Analog Devices ADAS1000BSTZ Datasheet HTML 42Page - Analog Devices ADAS1000BSTZ Datasheet HTML 43Page - Analog Devices ADAS1000BSTZ Datasheet HTML 44Page - Analog Devices ADAS1000BSTZ Datasheet HTML 45Page - Analog Devices ADAS1000BSTZ Datasheet HTML 46Page - Analog Devices ADAS1000BSTZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Rev. A | Page 43 of 80
While these experiments validate the pace algorithm over a
confined set of circumstances and conditions, they do not
replace end system verification of the pacer algorithm. This
can be performed in only the end system, using the system
manufacturer’s specified cables and validation data set.
EVALUATING PACE DETECTION PERFORMANCE
ECG simulators offer a convenient means of studying the
performance and ability of the ADAS1000 to capture pace
signals over the range of widths and heights defined by the
various regulatory standards. While the pace detection algorithm
of the ADAS1000 is designed to conform to medical instrument
standards, some simulators put out signals wider (or narrower)
than called for in the standards, and these will be rejected as
invalid by the algorithm of the ADAS1000.
The pace width acceptance window of the ADAS1000 is the
tightest at the 2 ms limit. If this proves problematic, margin can
be obtained by reducing the master clock frequency. As an
example, using an 8.000 MHz crystal in place of the
recommended 8.192 MHz crystal increases the high limit of the
pace acceptance window from 2.000 ms to 2.048 ms. The low
limit also increases; however, this does not impair the ability of
the algorithm to detect 100 µs pace pulses.
Changing the clock frequency affects all of the other ADAS1000
frequency-related functions. Continuing with the 8.000 MHz
example, the −3 dB frequencies for ECG scales by a factor of
8000/8192, with 40 Hz becoming 39.06 Hz and 150 Hz becoming
146.5 Hz, which are both still well within regulatory requirements.
The respiration and ac leads-off frequencies, as well as the
output data rates, also scale by the same 8000/8192 fraction.
PACE LATENCY
The pace algorithm always examines 128 kHz, 16-bit ECG data,
regardless of the selected frame rate and ECG filter setting. A
pace pulse is qualified when a valid trailing edge is detected and
is flagged in the next available frame header. Pace and ECG data
is always correctly time-aligned at the 128 kHz frame rate, but
the additional filtering inherent in the slower frame rates delays
the frame's ECG data relative to the pace pulse flag. These
delays are summarized in Table 14 and must be taken into
account to enable correct positioning of the pace event relative
to the ECG data.
There is an inherent one-frame-period uncertainty in the exact
location of the pace trailing edge.
PACE DETECTION VIA SECONDARY SERIAL
INTERFACE (ADAS1000 AND ADAS1000-1 ONLY)
The ADAS1000/ADAS1000-1 provide a second serial interface
for users who wish to implement their own pace detection
schemes. This interface is configured as a master interface. It
provides ECG data at the 128 kHz data rate only. The purpose
of this interface is to allow the user to access the ECG data at a
rate sufficient to allow them to run their own pace algorithm,
while maintaining all the filtering and decimation of the ECG
data that the ADAS1000/ADAS1000-1 offer on the standard
serial interface (2 kHz and 16 kHz data rates). This dedicated
pace interface uses three of the four GPIO pins, leaving one
GPIO pin available even when the secondary serial interface is
enabled. Note that the on-chip digital calibration to ensure
channel gain matching does not apply to data that is available
on this interface. This interface is discussed in more detail in
the Secondary Serial Interface section.
FILTERING
Figure 72 shows the ECG digital signal processing. The ADC
sample rate is programmable. In high performance mode, it
is 2.048 MHz; in low power mode, the sampling rate is reduced
to 1.024 MHz. The user can tap off framing data at one of three
data rates, 128 kHz, 16 kHz, or 2 kHz. Note that although the
data-word width is 24 bits for the 2 kHz and 16 kHz data rate,
the usable bits are 19 and 18, respectively.
The amount of decimation depends on the selected data rate,
with more decimation for the lower data rates.
Four selectable low-pass filter corners are available at the 2 kHz
data rate.
Filters are cleared by a reset. Table 14 shows the filter latencies
at the different data rates.
Figure 72. ECG Channel Filter Signal Flow
2.048MHz
ADC DATA
14-BITS
2.048MHz
128kHz
–3dB AT 13kHz
ACLO
CARRIER
NOTCH
2kHz
AC LEAD-OFF
DETECTION
PACE
DETECTION
128kHz DATA RATE
16-BITS WIDE
AVAILABLE DATA RATE
CHOICE OF 1:
40Hz
150Hz
250Hz
(PROGRAMMABLE BESSEL )
~7Hz
16kHz DATA RATE
24-BITS WIDE
18 USABLE BITS
2kHz DATA RATE
24-BITS WIDE
19 USABLE BITS
128kHz
16kHz
–3dB AT 3.5kHz
2kHz
–3dB AT 450Hz
16kHz
CALIBRATION
31.25Hz DATA RATE
24-BITS WIDE
~22 USABLE BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com