Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS1000BSTZ Datasheet(PDF) 70 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 70 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 66Page - Analog Devices ADAS1000BSTZ Datasheet HTML 67Page - Analog Devices ADAS1000BSTZ Datasheet HTML 68Page - Analog Devices ADAS1000BSTZ Datasheet HTML 69Page - Analog Devices ADAS1000BSTZ Datasheet HTML 70Page - Analog Devices ADAS1000BSTZ Datasheet HTML 71Page - Analog Devices ADAS1000BSTZ Datasheet HTML 72Page - Analog Devices ADAS1000BSTZ Datasheet HTML 73Page - Analog Devices ADAS1000BSTZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 70 of 80
Table 51. Pace Width and Amplitude Registers (PACExDATA) Address 0x3A to Address 0x3C, Reset Value = 0x0000001, 2
R/W
Default
Bit
Name
Function
[31:24]
Address [7:0]
0x3A: PACE1DATA
0x3B: PACE2DATA
0x3C: PACE3DATA
R
0
[23:8]
Pace height
Measured pace height in signed two’s complement value
0 = 0
1 = VREF/GAIN/216
N = N × VREF/GAIN/216
R
0
[7:0]
Pace width
Measured pace width in 128 kHz samples
N: N/128 kHz = width
12: 12/128 kHz = 93 µs
255:255/128 kHz = 2.0 ms
1
These registers are not part of framing data but can be read by issuing a register read command of these addresses.
2
ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com