| Electronic Components Datasheet Search |
|
ADAS1000BSTZ Datasheet(PDF) 47 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAS1000BSTZ Datasheet(HTML) 47 Page - Analog Devices |
|
47 / 80 page ![]() Data Sheet ADAS1000/ADAS1000-1/ADAS1000-2 Rev. A | Page 47 of 80 Table 15. Some Possible Arrangements for Gang Operation Master Slave 1 Slave 2 Features Number of Electrodes Number of Leads ADAS1000 ADAS1000-2 ECG, respiration, pace 10 ECG, CM_IN, RLD 12-lead + spare ADC channel ADAS1000 ADAS1000-2 ADAS1000-2 ECG, respiration, pace 15 ECG, CM_IN, RLD 15-lead + 3 spare ADC channels ADAS1000 ADAS1000-3 ECG, respiration, pace 8 ECG, CM_IN, RLD 12-lead (derived leads) ADAS1000-1 ADAS1000-2 ECG 10 ECG, CM_IN, RLD 12-lead + spare ADC channel ADAS1000-3 ADAS1000-2 ECG 8 ECG, CM_IN, RLD 12-lead (derived leads) ADAS1000-4 ADAS1000-2 ECG, respiration, pace 8 ECG, CM_IN, RLD 12-lead (derived leads) INTERFACING IN GANG MODE As shown in Figure 74, when using multiple devices, the user must collect the ECG data directly from each device. The example shown in Figure 75 illustrates one possibility of how to approach interfacing to a master and slave device. Note that SCLK, SDO, and SDI are shared here with individual CS lines. This requires the user to read the data on both devices twice as fast to ensure that they can capture all the data to maintain the chosen data rate and ensure they have the relevant synchronized data. Alternative methods might use individual controllers for each device or separate SDO paths. For some applications, digital isolation is required between the host and the ADAS1000. The example shown illustrates a means to ensure that the number of lines requiring isolation is minimized. Figure 75. One Method of Interfacing to Multiple Devices MASTER SCLK SDI CS SDO DRDY (OPTIONAL) SCLK SDI CS2 SDO CS1 SLAVE SCLK SDI CS SDO DRDY (OPTIONAL) MICROCRONTROLLER/ DSP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |