Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1503 Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16F1503
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1503 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16F1503 Datasheet HTML 21Page - Microchip Technology PIC16F1503 Datasheet HTML 22Page - Microchip Technology PIC16F1503 Datasheet HTML 23Page - Microchip Technology PIC16F1503 Datasheet HTML 24Page - Microchip Technology PIC16F1503 Datasheet HTML 25Page - Microchip Technology PIC16F1503 Datasheet HTML 26Page - Microchip Technology PIC16F1503 Datasheet HTML 27Page - Microchip Technology PIC16F1503 Datasheet HTML 28Page - Microchip Technology PIC16F1503 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 340 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41607A-page 25
PIC16(L)F1503
TABLE 3-5:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Bank 0
00Ch
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx --xx xxxx
00Dh
—
Unimplemented
—
—
00Eh
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx --xx xxxx
00Fh
—
Unimplemented
—
—
010h
—
Unimplemented
—
—
011h
PIR1
TMR1GIF
ADIF
—
—
SSP1IF
—
TMR2IF
TMR1IF
00-- 0-00 00-- 0-00
012h
PIR2
—
C2IF
C1IF
—
BCL1IF
NCO1IF
—
—
-00- -0-- -00- -0--
013h
PIR3
—
—
—
—
—
—
CLC2IF
CLC1IF
---- --00 ---- --00
014h
—
Unimplemented
—
—
015h
TMR0
Holding Register for the 8-bit Timer0 Count
xxxx xxxx uuuu uuuu
016h
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Count
xxxx xxxx uuuu uuuu
017h
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Count
xxxx xxxx uuuu uuuu
018h
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
—
T1SYNC
—TMR1ON
0000 -0-0 uuuu -u-u
019h
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
0000 0x00 uuuu uxuu
01Ah
TMR2
Timer2 Module Register
0000 0000 0000 0000
01Bh
PR2
Timer2 Period Register
1111 1111 1111 1111
01Ch
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
-000 0000 -000 0000
01Dh
—
Unimplemented
—
—
01Eh
—
Unimplemented
—
—
01Fh
—
Unimplemented
—
—
Bank 1
08Ch
TRISA
—
—
TRISA5
TRISA4
—(2)
TRISA2
TRISA1
TRISA0
--11 1111 --11 1111
08Dh
—
Unimplemented
—
—
08Eh
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111 --11 1111
08Fh
—
Unimplemented
—
—
090h
—
Unimplemented
—
—
091h
PIE1
TMR1GIE
ADIE
—
—
SSP1IE
—
TMR2IE
TMR1IE
00-- 0-00 00-- 0-00
092h
PIE2
—
C2IE
C1IE
—
BCLIE
NCO1IE
—
—
-00- 00-- -00- 00--
093h
PIE3
—
—
—
—
—
—
CLC2IE
CLC1IE
---- --00 ---- --00
094h
—
Unimplemented
—
—
095h
OPTION_REG
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS<2:0>
1111 1111 1111 1111
096h
PCON
STKOVF
STKUNF
—RWDT
RMCLR
RI
POR
BOR
00-1 11qq qq-q qquu
097h
WDTCON
—
—
WDTPS<4:0>
SWDTEN
--01 0110 --01 0110
098h
—
Unimplemented
—
—
099h
OSCCON
—
IRCF<3:0>
—SCS<1:0>
-011 1-00 -011 1-00
09Ah
OSCSTAT
—
—
—HFIOFR
—
—
LFIOFR
HFIOFS
---0 --00 ---q --qq
09Bh
ADRESL
A/D Result Register Low
xxxx xxxx uuuu uuuu
09Ch
ADRESH
A/D Result Register High
xxxx xxxx uuuu uuuu
09Dh
ADCON0
—
CHS<4:0>
GO/DONE
ADON
-000 0000 -000 0000
09Eh
ADCON1
ADFM
ADCS<2:0>
—
—
ADPREF<1:0>
0000 --00 0000 --00
09Fh
ADCON2
TRIGSEL<3:0>
—
—
—
—
0000 ---- 0000 ----
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1503 only.
2:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com