Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1503 Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC16F1503
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1503 Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC16F1503 Datasheet HTML 73Page - Microchip Technology PIC16F1503 Datasheet HTML 74Page - Microchip Technology PIC16F1503 Datasheet HTML 75Page - Microchip Technology PIC16F1503 Datasheet HTML 76Page - Microchip Technology PIC16F1503 Datasheet HTML 77Page - Microchip Technology PIC16F1503 Datasheet HTML 78Page - Microchip Technology PIC16F1503 Datasheet HTML 79Page - Microchip Technology PIC16F1503 Datasheet HTML 80Page - Microchip Technology PIC16F1503 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 340 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41607A-page 77
PIC16(L)F1503
8.2
Low-Power Sleep Mode
The PIC16F1503 device contains an internal Low
Dropout (LDO) voltage regulator, which allows the
device I/O pins to operate at voltages up to 5.5V while
the internal device logic operates at a lower voltage.
The LDO and its associated reference circuitry must
remain active when the device is in Sleep mode. The
PIC16F1503 allows the user to optimize the operating
current in Sleep, depending on the application
requirements.
A Low-Power Sleep mode can be selected by setting
the VREGPM bit of the VREGCON register. With this
bit set, the LDO and reference circuitry are placed in a
low-power state when the device is in Sleep.
8.2.1
SLEEP CURRENT VS. WAKE-UP
TIME
In the default operating mode, the LDO and reference
circuitry remain in the normal configuration while in
Sleep. The device is able to exit Sleep mode quickly
since all circuits remain active. In Low-Power Sleep
mode, when waking up from Sleep, an extra delay time
is required for these circuits to return to the normal con-
figuration and stabilize.
The Low-Power Sleep mode is beneficial for applica-
tions that stay in Sleep mode for long periods of time.
The Normal mode is beneficial for applications that
need to wake from Sleep quickly and frequently.
8.2.2
PERIPHERAL USAGE IN SLEEP
Some peripherals that can operate in Sleep mode will
not operate properly with the Low-Power Sleep mode
selected. The LDO will remain in the Normal Power
mode when those peripherals are enabled. The Low-
Power Sleep mode is intended for use with these
peripherals:
• Brown-Out Reset (BOR)
• Watchdog Timer (WDT)
• External interrupt pin/Interrupt-on-change pins
• Timer1 (with external clock source)
The Complementary Waveform Generator (CWG), the
Numerically Controlled Oscillator (NCO) and the Con-
figurable Logic Cell (CLC) modules can utilize the
HFINTOSC oscillator as either a clock source or as an
input source. Under certain conditions, when the
HFINTOSC is selected for use with the CWG, NCO or
CLC modules, the HFINTOSC will remain active during
Sleep. This will have a direct effect on the Sleep mode
current.
Please refer to sections 23.5 “Operation During
Sleep”, 24.7 “Operation In Sleep” and 25.10 “Oper-
ation During Sleep” for more information.
Note:
The PIC16LF1503 does not have a con-
figurable
Low-Power
Sleep
mode.
PIC16LF1503 is an unregulated device
and is always in the lowest power state
when in Sleep, with no wake-up time pen-
alty. This device has a lower maximum
VDD
and
I/O
voltage
than
the
PIC16F1503. See Section 25.0 “Electri-
cal Specifications” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com