Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1503 Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC16F1503
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1503 Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC16F1503 Datasheet HTML 22Page - Microchip Technology PIC16F1503 Datasheet HTML 23Page - Microchip Technology PIC16F1503 Datasheet HTML 24Page - Microchip Technology PIC16F1503 Datasheet HTML 25Page - Microchip Technology PIC16F1503 Datasheet HTML 26Page - Microchip Technology PIC16F1503 Datasheet HTML 27Page - Microchip Technology PIC16F1503 Datasheet HTML 28Page - Microchip Technology PIC16F1503 Datasheet HTML 29Page - Microchip Technology PIC16F1503 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 340 page
background image
PIC16(L)F1503
DS41607A-page 26
Preliminary
 2011 Microchip Technology Inc.
Bank 2
10Ch
LATA
—
—LATA5
LATA4
—
LATA2
LATA1
LATA0
--xx -xxx --uu -uuu
10Dh
—
Unimplemented
—
—
10Eh
LATC
—
—
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
--xx xxxx --uu uuuu
10Fh
—
Unimplemented
—
—
110h
—
Unimplemented
—
—
111h
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC
0000 -100 0000 -100
112h
CM1CON1
C1INTP
C1INTN
C1PCH<1:0>
—
C1NCH<2:0>
0000 -000 0000 -000
113h
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC
0000 -100 0000 -100
114h
CM2CON1
C2INTP
C2INTN
C2PCH<1:0>
—
C2NCH<2:0>
0000 -000 0000 -000
115h
CMOUT
—
—
—
—
—
—MC2OUT
MC1OUT
---- --00 ---- --00
116h
BORCON
SBOREN
BORFS
—
—
—
—
—
BORRDY
10-- ---q uu-- ---u
117h
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
CDAFVR<1:0>
ADFVR<1:0>
0q00 0000 0q00 0000
118h
DACCON0
DACEN
—
DACOE1
DACOE2
—
DACPSS
—
—
0-00 -0-- 0-00 -0--
119h
DACCON1
—
—
DACR<4:0>
---0 0000 ---0 0000
11Ah
to
11Ch
—
Unimplemented
—
—
11Dh
APFCON
—
—
SDOSEL
SSSEL
T1GSEL
—
CLC1SEL
NCO1SEL
--00 0-00 --00 0-00
11Eh
—
Unimplemented
—
—
11Fh
—
Unimplemented
—
—
Bank 3
18Ch
ANSELA
—
—
—
ANSA4
—
ANSA2
ANSA1
ANSA0
---1 -111 ---1 -111
18Dh
—
Unimplemented
—
—
18Eh
ANSELC
—
—
—
—
ANSC3
ANSC2
ANSC1
ANSC0
---- 1111 ---- 1111
18Fh
—
Unimplemented
—
—
190h
—
Unimplemented
—
—
191h
PMADRL
Flash Program Memory Address Register Low Byte
0000 0000 0000 0000
192h
PMADRH
—
Flash Program Memory Address Register High Byte
-000 0000 -000 0000
193h
PMDATL
Flash Program Memory Read Data Register Low Byte
xxxx xxxx uuuu uuuu
194h
PMDATH
—
—
Flash Program Memory Read Data Register High Byte
--xx xxxx --uu uuuu
195h
PMCON1
—(2)
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
0000 x000 0000 q000
196h
PMCON2
Flash Program Memory Control Register 2
0000 0000 0000 0000
197h
VREGCON(1)
——————
VREGPM
Reserved
---- --01 ---- --01
198h
to
19Fh
—
Unimplemented
—
—
TABLE 3-5:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1503 only.
2:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com