Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1503 Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16F1503
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1503 Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16F1503 Datasheet HTML 100Page - Microchip Technology PIC16F1503 Datasheet HTML 101Page - Microchip Technology PIC16F1503 Datasheet HTML 102Page - Microchip Technology PIC16F1503 Datasheet HTML 103Page - Microchip Technology PIC16F1503 Datasheet HTML 104Page - Microchip Technology PIC16F1503 Datasheet HTML 105Page - Microchip Technology PIC16F1503 Datasheet HTML 106Page - Microchip Technology PIC16F1503 Datasheet HTML 107Page - Microchip Technology PIC16F1503 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 340 page
background image
PIC16(L)F1503
DS41607A-page 104
Preliminary
 2011 Microchip Technology Inc.
TABLE 11-3:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
TABLE 11-4:
SUMMARY OF CONFIGURATION WORD WITH PORTA
REGISTER 11-6:
WPUA: WEAK PULL-UP PORTA REGISTER
U-0
U-0
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
—
—
WPUA5
WPUA4
WPUA3
WPUA2
WPUA1
WPUA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
WPUA<5:0>: Weak Pull-up Register bits(3)
1 = Pull-up enabled
0 = Pull-up disabled
Note 1:
Global WPUEN bit of the OPTION_REG register must be cleared for individual pull-ups to be enabled.
2:
The weak pull-up device is automatically disabled if the pin is in configured as an output.
3:
For the WPUA3 bit, when MCLRE = 1, weak pull-up is internally enabled, but not reported here.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
—ANSA4
—
ANSA2
ANSA1
ANSA0
103
APFCON
—
—
SDOSEL
SSSEL
T1GSEL
—
CLC1SEL NCO1SEL
100
LATA
—
—LATA5
LATA4
—LATA2
LATA1
LATA0
103
OPTION_REG
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS<2:0>
146
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
102
TRISA
—
—
TRISA5
TRISA4
—(1)
TRISA2
TRISA1
TRISA0
102
WPUA
—
—
WPUA5
WPUA4
WPUA3
WPUA2
WPUA1
WPUA0
104
Legend:
x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.
Note 1:
Unimplemented, read as ‘1’.
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG1
13:8
—
—
—
—CLKOUTEN
BOREN<1:0>
—
40
7:0
CP
MCLRE
PWRTE
WDTE<1:0>
—
FOSC<1:0>
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com