Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

492575-1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  492575-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
3
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
WHAT’S NEW IN THIS ISSUE
PARALIGHT Active Optical Assemblies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pages 8-11
40Gb/s QDR QSFP+ Cable
Assemblies
I
100 meters + length
I
Functions like a standard
electrical cable
I
Low latency – 15.84pc +
cable
I
1/3 size and 1/10 weight of
copper assemblies
20Gb/s DDR QSFP and CX-4
Cable Assemblies
I
Reach 150 meters and
greater
I
Available in QSFP, CX-4,
and hybrid (QSFP-CX-4)
configurations
Fiber to the Antenna Solutions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pages 71-96
I
Designed for next generation WiMax and LTE Applications
I
Robust designs for external antenna applications
I
Broad range of solutions including traditional products and
direct Tx mating solutions
ODVA Compliant Connector —
Economic Robust Design
I
All plastic
I
IP-67 rated
I
Rated for outdoor applications
ODC – Traditional Fiber to the
Antenna Applications
I
Robust all metal connector
I
Significant product already deployed
I
Available in Duplex or Quad
Direct Attach
I
Mates directly through the box to the Tx
I
Eliminates one cable assembly internal
to the antenna box
10 Gigabit Products
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pages 12-13
I
Supports IEEE 802.ae 10BASE-SR and 10GBASE-LX4 to 300m
I
Complies with OM-3 fiber specifications of 2nd edition ISO
11801
I
Allows Gigabit Ethernet 1000BASE-SX to 1000m
I
Supports 50/125um legacy LED and laser-based applications
I
This section outlines all the parts needed for an end-to-end
system with 10 Gigabit cable assemblies and connectors
MPO on Round Cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 14
I
Flexible round outer jacket for easier installation
and cable routing
I
Same standards compliant performance
I
Fiber counts up to 24 for standard MPO, and up to
72 fibers using high density PARA-OPTIX
assemblies
ODC is a product and trademark of
HUBER+SUHNER AG.
ODVA is a trademark of ODVA, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com