Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

492575-1 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 28Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 29Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 30Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 31Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 32Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 33Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 34Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 35Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
32
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
LC Connector Components
50° Angled
Boot
50°
Angled
Boot
Right-
Angled
Boot
Short
Bend
Limiting
Boot
Bend
Limiting
Boot
Bend
Limiting
Boot
Short Bend
Limiting Boot
Crimp Eyelet/
Heat Shrink
Tube
Connector
Sub-Assembly
Duplex Clip
Max.
Protective
Cap
Right-Angled
Boot
46.5
[1.83]
41.0
[1.61]
52.0
[2.05]
58.5
[2.30]
Buffer
Boot
Short
Buffer
Boot
Connector
Sub-Assembly
Duplex Clip
Protective
Cap
Buffer
Boot
53.0
[2.09]
Short
Buffer
Boot
31.5
[1.24]
Straight
Boot
Crimp Eyelet
Connector
Sub-Assembly
Duplex Clip
Protective
Cap
Straight
Boot
49.5
[1.95]
Simplex Connector
Fiber Type
Sub-Assembly &
Duplex Clip
Cable Size
Crimp Eyelet with
Boot
Boot Part Number
Protective Cap
Heat Shrink Tube
Description
(see chart page 33)
1.6-2.0 mm
1918918-2
Short Bend Limiting
1918403-x
Bend Limiting
1588153-x
Singlemode
1.6-2.0 mm
6374150-2
Right-Angled
1374737-x
(Blue Hsg.)
1828456-1
1754371-4
50 Degree Angled
6457543-x
Bend Limiting
1588153-x
2.4 mm
6588189-1
Right-Angled
1374737-x
50 Degree Angled
6457543-x
1.6-2.0 mm
1918918-1
Short Bend Limiting
1918403-x
Bend Limiting
1588153-x
Multimode
1.6-2.0 mm
6374150-1
Right-Angled
1374737-x
(Beige Hsg.)
1754625-1
1754371-5
50 Degree Angled
6457543-x
Bend Limiting
1588153-x
2.4 mm
6588189-1
Right-Angled
1374737-x
50 Degree Angled
6457543-x
LC Components —
1.6-2.4 mm Jacketed Cable
(Order One of Each
Component Excluding Clip
for Simplex, Two of Each
Plus One Clip for Duplex)
LC Components — 900 µm Buffered Fiber
(Order One of Each Component Excluding Clip for Simplex,
Two of Each Plus One Clip for Duplex)
Simplex
Boot
Fiber
Connector
Duplex
Boot
Part Number
Type
Sub-Assembly &
Clip
Description
(see chart
Protective Cap
page 33)
Singlemode
1828456-1
1754371-4
Buffer
1828184-x
(Blue Hsg.)
Short Buffer
6588612-x
Multimode
1754625-1
1754371-5
Buffer
1828184-x
(Beige Hsg.)
Short Buffer
6588612-x
LC Components — 3.0 mm Jacketed Cable
(Order One of Each Component Excluding Clip for Simplex,
Two of Each Plus One Clip for Duplex)
Simplex
Boot
Fiber
Connector
Duplex
Crimp
Part Number
Type
Sub-Assembly &
Clip
Eyelet
(see chart
Protective Cap
page 33)
Singlemode
(Blue Hsg.)
1828456-1
1754371-4
5504118-3
502716-x
Multimode
(Beige Hsg.)
1754625-1
1754371-5
5504118-3
502716-x
Instruction Sheet: 408-8675
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com