Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

492575-1 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 65Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 66Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 67Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 68Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 69Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 70Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 71Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 72Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
69
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
4
Attenuators (Continued)
Note: All part numbers are RoHS compliant.
D4/PC
Singlemode
D4 Attenuators, Build Out
Style, Fixed Value
Note: Additional attenuation values
available upon request.
Dual Window Attenuators
Operating Wavelength
1310/1550 nm ±25 nm
Attenuation (dB)
Part Number
5
5209570-5
10
1-5209570-0
15
1-5209570-5
20
2-5209570-0
Note: Attenuation Tolerance, Ambient
≥
5 dB: ± .15 x nominal
attenuation value
< 5 dB: ± 0.75 dB
Reflectance ≤ -45 dB
ST/UPC
Singlemode
ST Attenuators, Build Out
Style, Fixed Value
Dual Window Attenuators
Operating Wavelength
1310/1550 nm ±25 nm
Attenuation (dB)
Part Number
1
5417549-1
2
5417549-2
3
5417549-3
4
5417549-4
5
5417549-5
6
5417549-6
7
5417549-7
8
5417549-8
9
5417549-9
10
1-5417549-0
11
1-5417549-1
12
1-5417549-2
13
1-5417549-3
14
1-5417549-4
15
1-5417549-5
16
1-5417549-6
17
1-5417549-7
18
1-5417549-8
19
1-5417549-9
20
2-5417549-0
25
2-5417549-5
Note: Attenuation Tolerance, Ambient
≥
5 dB: ± .15 x nominal
attenuation value
< 5 dB: ± 0.75 dB
Reflectance ≤ -55 dB
Broadband Bandpass Attenuators
Operating Wavelength
1260-1360 nm & 1430-1625 nm
Attenuation (dB)
Part Number
1
5417399-1
2
5417399-2
3
5417399-3
4
5417399-4
5
5417399-5
6
5417399-6
7
5417399-7
8
5417399-8
9
5417399-9
10
1-5417399-0
11
1-5417399-1
12
1-5417399-2
13
1-5417399-3
14
1-5417399-4
15
1-5417399-5
16
1-5417399-6
17
1-5417399-7
18
1-5417399-8
19
1-5417399-9
20
2-5417399-0
25
2-5417399-5
Note: Attenuation Tolerance, Ambient
≥
5 dB: ± .10 x nominal
attenuation value
< 5 dB: ± 0.50 dB
0 dB: 0.50 dB max.
Reflectance ≤ -55 dB
Ø 9.53
[.375]
Serial Number
Part Number
38.89
[1.531]
Max.
29.34
[1.155]
Max.
9.02 [.355] Ref.
M8 x 0.75 [.030]
27.3
[1.07]
Max.
23.1
[.91]
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com