Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

492575-1 Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 87Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 88Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 89Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 90Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 91Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 92Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 93Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 94Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
91
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
5
PRO BEAM Expanded Beam Rugged Optics Products (Continued)
PRO BEAM Sr. Connector Plug Adapter Kits
Cable Dia.
Part Number
(Max.)
5.10
1515940-1
.201
5.65
1515940-3
.222
6.20
1515940-5
.244
PRO BEAM Sr. Connector Standard Bulkhead Cable Adapter Kits
Cable Dia.
Style
Part Number
(Max.)
5.10
Standard Cable Adapter
1515847-1
.201
5.65
Standard Cable Adapter
1515724-2
.222
Buffered
Low Profile Adapter
1515299-2
Fiber
PRO BEAM Sr. Connector Shell Kits
Part Number
PRO BEAM Sr. Plug w/EPDM rubber
1754842-1
PRO BEAM Sr. D-Hole Standard Bulkhead
1754843-1
PRO BEAM Sr. Square Flange Standard Bulkhead
1754844-1
PRO BEAM Sr. Insert Kits
Part Number
2 x 850 / 1300 nm Multimode
1693001-1
2 x 1310 nm Singlemode
1515734-2
4 x 850 / 1300 nm Multimode
1693001-2
4 x 1310 nm Singlemode
1515735-1
Connector Assembly
1 Shell Kit
1 Insert Kit
1 Cable Adapter Kit*
X Ferrule Kits (X = No.
of optical channels)
*Not applicable for Low Profile
Part numbers listed are
Shell alloy = aluminum
Plating = hard anodized.
Consult TE for other plating/
material options such as
NiAlBz for Naval applications.
PRO BEAM Sr. Connectors
(Continued)
Ferrule Kits
Fiber Hole Size
Mode
PRO BEAM Connector
Part Number
125 µm
SM
Sr.
1515941-1
126 µm
SM
Sr.
1515941-2
126 µm
MM
Sr.
1588801-1
Technical Documents
Product Specifications
408-8857
Curing Fixtures for
PRO BEAM Jr. and
PRO BEAM Sr. Connectors
408-8828
Cleaning Procedure for
EB C/A's
Tooling Specifications
408-8795
Crimp Tool with Die Set for
PRO BEAM Jr. and
PRO BEAM Sr. Connectors
408-10022 Die Assembly for
PRO BEAM Mini and
PRO BEAM Jr. Circular
Crimps
http://www.te.com/documents
Note: All part numbers are RoHS compliant.
ASSEMBLY CAPABILITIES
TE has extensive rugged optic harness capabilities.
Please consult your local TE Sales Representative for assistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com