Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA683IDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA683IDBVT
Description  Very Low-Power, Current Feedback RATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA683IDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA683IDBVT Datasheet HTML 8Page - Texas Instruments OPA683IDBVT Datasheet HTML 9Page - Texas Instruments OPA683IDBVT Datasheet HTML 10Page - Texas Instruments OPA683IDBVT Datasheet HTML 11Page - Texas Instruments OPA683IDBVT Datasheet HTML 12Page - Texas Instruments OPA683IDBVT Datasheet HTML 13Page - Texas Instruments OPA683IDBVT Datasheet HTML 14Page - Texas Instruments OPA683IDBVT Datasheet HTML 15Page - Texas Instruments OPA683IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
OPA683
12
SBOS221E
www.ti.com
APPLICATIONS INFORMATION
VERY LOW POWER CURRENT-FEEDBACK
OPERATION
The OPA683 gives a new level of performance in very low
power current-feedback op amps. Using a new input stage
buffer architecture, the OPA683 CFBplus amplifier gives im-
proved bandwidth to higher gains than previous < 1mA
supply current amplifiers. This closed-loop internal buffer
gives a very low and linearized impedance at the inverting
node—isolating the amplifier’s AC performance from gain
element variations. This allows both the bandwidth and
distortion to remain nearly constant over gain—moving closer
to the ideal current-feedback performance of Gain Bandwidth
independence. This low power amplifier also delivers excep-
tional output power—its
±4V swing on ±5V supplies with
> 100mA output drive gives excellent performance into
standard video loads or doubly-terminated 50
Ω cables. Single
+5V supply operation is also supported with similar band-
widths, but reduced output power capability. For improved
harmonic distortion driving heavier loads, in a low power
CFBplus amplifier, consider the OPA684, while for even
higher output power, consider the OPA691.
Figure 1 shows the DC-coupled, gain of +2, dual power-
supply circuit used as the basis of the
±5V Electrical Charac-
teristics and Typical Characteristics. For test purposes, the
input impedance is set to 50
Ω with a resistor to ground while
the output load is a 1k
Ω resistor. Voltage swings reported in
the specifications are taken directly at the input and output
pins while load powers (dBm) are interpreted as the voltage
swing at the output converted to dBm as if the load were
50
Ω. For the circuit of Figure 1, the total effective load will be
1k
Ω || 2.4kΩ = 706Ω. Gain changes are most easily accom-
plished by simply resetting the RG value—holding RF con-
stant at its recommended value of 1.2k
Ω. The disable control
line (DIS) is typically left open to ensure normal amplifier
operation. It may, however, be asserted LOW to reduce the
amplifier quiescent to 100
µA typically.
Figure 2 shows the DC-coupled, gain of –1V/V, dual power-
supply circuit used as the basis of the Inverting Typical
Characteristics. Inverting operation offers several perfor-
mance benefits. Since there is no common-mode signal
across the input stage, the slew rate for inverting operation
is higher and the distortion performance is slightly improved.
An additional input resistor, RM, is included in Figure 2 to set
the input impedance equal to the 50
Ω. The parallel combina-
tion of RM and RG set the input impedance. As the desired
gain increases for the inverting configuration, RG is adjusted
to achieved the desired gain and RM is also adjusted to hold
a 50
Ω input match. A point will be reached where R
G will
equal 50
Ω, R
M is then removed and the input match is set by
RG only. With RG fixed to achieve an input match to 50Ω, to
increase gain, RF is simply increased. This will, however,
quickly reduce the achievable bandwidth as the feedback
resistor increases from its recommended value of 1.2k
Ω. If
the source does not require an input match to 50
Ω, either
adjust RM to the get the desired load or remove it and let the
RG resistor alone provide the input load.
R
F
1.2k
Ω
V
O
OPA683
+5V
–5V
DIS
1k
Ω
50
Ω
R
G
1.2k
Ω
R
G = 50Ω
V
I
0.1
µF
6.8
µF
0.1
µF
6.8
µF
+
+
FIGURE 1. DC-Coupled, G = +2V/V, Bipolar Supply, Speci-
fication and Test Circuit.
FIGURE 2. DC-Coupled, G = –1V/V, Bipolar Supply, Speci-
fication and Test Circuit.
R
F
1.2k
Ω
OPA683
+5V
–5V
DIS
R
T
52.3
Ω
R
G
1.2k
Ω
R
S = 50Ω
0.1
µF6.8µF
0.1
µF6.8µF
+
+
V
I
V
O
1k
Ω
These circuits are showing
±5V operation. The same circuit
can be applied with bipolar supplies ranging from
±2.5V to
±6V. Internal supply independent biasing gives nearly the
same performance for the OPA683 over this wide range of
supplies. Generally, the optimum feedback resistor value (for
nominally flat frequency response at G = +2) will increase in
value as the total supply voltage across the OPA683 is
reduced.
See Figure 3 for the AC-coupled, single +5V supply, gain of
+2V/V circuit configuration used as a basis for the +5V only
Electrical Characteristics and Typical Characteristics. The
key requirement of broadband single-supply operation is to
maintain input and output signal swings within the usable
voltage ranges at both the input and the output. The circuit
of Figure 3 establishes an input midpoint bias using a simple
resistive divider from the +5V supply (two 12.5k
Ω resistors)
to the noninverting input. The input signal is then AC-coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com