Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA683IDBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA683IDBVT
Description  Very Low-Power, Current Feedback RATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA683IDBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA683IDBVT Datasheet HTML 16Page - Texas Instruments OPA683IDBVT Datasheet HTML 17Page - Texas Instruments OPA683IDBVT Datasheet HTML 18Page - Texas Instruments OPA683IDBVT Datasheet HTML 19Page - Texas Instruments OPA683IDBVT Datasheet HTML 20Page - Texas Instruments OPA683IDBVT Datasheet HTML 21Page - Texas Instruments OPA683IDBVT Datasheet HTML 22Page - Texas Instruments OPA683IDBVT Datasheet HTML 23Page - Texas Instruments OPA683IDBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
OPA683
20
SBOS221E
www.ti.com
BOARD LAYOUT GUIDELINES
Achieving optimum performance with a high frequency am-
plifier like the OPA683 requires careful attention to board
layout parasitics and external component types. Recommen-
dations that will optimize performance include:
a) Minimize parasitic capacitance to any AC ground for
all of the signal I/O pins. Parasitic capacitance on the
output and inverting input pins can cause instability: on
the noninverting input, it can react with the source imped-
ance to cause unintentional band-limiting.. To reduce
unwanted capacitance, a window around the signal I/O
pins should be opened in all of the ground and power
planes around those pins. Otherwise, ground and power
planes should be unbroken elsewhere on the board.
b) Minimize the distance (< 0.25") from the power-supply
pins to high frequency 0.1
µF decoupling capacitors.
At the device pins, the ground and power-plane layout
should not be in close proximity to the signal I/O pins.
Avoid narrow power and ground traces to minimize induc-
tance between the pins and the decoupling capacitors.
The power-supply connections should always be decoupled
with these capacitors. An optional supply decoupling
capacitor across the two power supplies (for bipolar op-
eration) will improve 2nd-harmonic distortion performance.
Larger (2.2
µF to 6.8µF) decoupling capacitors, effective at
lower frequency, should also be used on the main supply
pins. These may be placed somewhat farther from the
device and may be shared among several devices in the
same area of the PC board.
c) Careful selection and placement of external compo-
nents will preserve the high frequency performance
of the OPA683. Resistors should be a very low reactance
type. Surface-mount resistors work best and allow a
tighter overall layout. Metal film and carbon composition
axially-leaded resistors can also provide good high fre-
quency performance. Again, keep their leads and PC
board trace length as short as possible. Never use wire-
wound type resistors in a high-frequency application.
Since the output pin and inverting input pin are the most
sensitive to parasitic capacitance, always position the
feedback and series output resistor, if any, as close as
possible to the output pin. Other network components,
such as noninverting input termination resistors, should
also be placed close to the package. Where double side
component mounting is allowed, place the feedback resis-
tor directly under the package on the other side of the
board between the output and inverting input pins. The
frequency response is primarily determined by the feed-
back resistor value as described previously. Increasing its
value will reduce the peaking at higher gains, while
decreasing it will give a more peaked frequency response
at lower gains. The 1.2k
Ω feedback resistor used in the
Electrical Characteristics at a gain of +2 on
±5V supplies
is a good starting point for design. Note that a 1.2k
Ω
feedback resistor, rather than a direct short, is required for
the unity-gain follower application. A current-feedback op
amp requires a feedback resistor even in the unity-gain
follower configuration to control stability.
d) Connections to other wideband devices on the board
may be made with short direct traces or through
onboard transmission lines. For short connections, con-
sider the trace and the input to the next device as a
lumped capacitive load. Relatively wide traces (50mils to
100mils) should be used, preferably with ground and
power planes opened up around them. Estimate the total
capacitive load and set RS from the plot of recommended
RS versus capacitive load. Low parasitic capacitive loads
(< 5pF) may not need an RS since the OPA683 is
nominally compensated to operate with a 2pF parasitic
load. If a long trace is required, and the 6dB signal loss
intrinsic to a doubly-terminated transmission line is ac-
ceptable, implement a matched impedance transmission
line using microstrip or stripline techniques (consult an
ECL design handbook for microstrip and stripline layout
techniques). A 50
Ω environment is normally not neces-
sary on board, and in fact a higher impedance environ-
ment will improve distortion as shown in the distortion
versus load plots. With a characteristic board trace imped-
ance defined based on board material and trace dimen-
sions, a matching series resistor into the trace from the
output of the OPA683 is used as well as a terminating
shunt resistor at the input of the destination device.
Remember also that the terminating impedance will be
the parallel combination of the shunt resistor and the input
impedance of the destination device: this total effective
impedance should be set to match the trace impedance.
The high output voltage and current capability of the
OPA683 allows multiple destination devices to be handled
as separate transmission lines, each with their own series
and shunt terminations. If the 6dB attenuation of a doubly-
terminated transmission line is unacceptable, a long trace
can be series-terminated at the source end only. Treat the
trace as a capacitive load in this case and set the series
resistor value as shown in the plot of “RS vs Capacitive
Load”. This will not preserve signal integrity as well as a
doubly-terminated line. If the input impedance of the
destination device is LOW, there will be some signal
attenuation due to the voltage divider formed by the series
output into the terminating impedance.
e) Socketing a high-speed part like the OPA683 is not
recommended. The additional lead length and pin-to-pin
capacitance introduced by the socket can create an ex-
tremely troublesome parasitic network which can make it
almost impossible to achieve a smooth, stable frequency
response. Best results are obtained by soldering the
OPA683 onto the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com