Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA683IDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA683IDBVT
Description  Very Low-Power, Current Feedback RATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA683IDBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA683IDBVT Datasheet HTML 1Page - Texas Instruments OPA683IDBVT Datasheet HTML 2Page - Texas Instruments OPA683IDBVT Datasheet HTML 3Page - Texas Instruments OPA683IDBVT Datasheet HTML 4Page - Texas Instruments OPA683IDBVT Datasheet HTML 5Page - Texas Instruments OPA683IDBVT Datasheet HTML 6Page - Texas Instruments OPA683IDBVT Datasheet HTML 7Page - Texas Instruments OPA683IDBVT Datasheet HTML 8Page - Texas Instruments OPA683IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
OPA683
3
SBOS221E
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25
°C.
RF = 1.2kΩ, RL = 1kΩ, and G = +2 (see Figure 1 for AC performance only), unless otherwise noted.
OPA683ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
AC PERFORMANCE (See Figure 1)
Small-Signal Bandwidth (VO = 0.5VPP)
G = +1, RF = 1.2kΩ
200
MHz
typ
C
G = +2, RF = 1.2kΩ
150
124
121
117
MHz
min
B
G = +5, RF = 1.2kΩ
121
MHz
typ
C
G = +10, RF = 1.2kΩ
94
MHz
typ
B
G = +20, RF = 1.2kΩ
72
MHz
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +2, VO = 0.5VPP, RF = 1.2kΩ
37
15
14
14
MHz
min
B
Peaking at a Gain of +1
RF = 1.2kΩ, VO = 0.5VPP
1.8
6.5
7.7
8.0
dB
max
B
Large-Signal Bandwidth
G = +2, VO = 4VPP
63
MHz
typ
C
Slew Rate
G = –1, VO = 4V Step (see Figure 2)
540
450
450
430
V/
µsmin
B
G = +2,VO = 4V Step
400
345
338
336
V/
µsmin
B
Rise-and-Fall Time
G = +2, VO = 0.5V Step
4.6
ns
typ
C
G = +2, VO = 4VStep
7.8
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2VPP
2nd-Harmonic
RL = 100Ω
–63
–54
–54
–54
dBc
max
B
RL ≥ 1kΩ
–65
–55
–55
–55
dBc
max
B
3rd-Harmonic
RL = 100Ω
–67
–62
–62
–62
dBc
max
B
RL ≥ 1kΩ
–74
–67
–66
–66
dBc
max
B
Input Voltage Noise
f > 1MHz
4.4
5.0
5.5
5.8
nV/
√Hz
max
B
Noninverting Input Current Noise
f > 1MHz
5.1
5.8
6.4
6.7
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
11.6
11.9
12.3
12.4
pA/
√Hz
max
B
Differential Gain
G = +2, NTSC, VO = 1.4VP, RL = 150Ω
0.06
%
typ
C
Differential Phase
G = +2, NTSC, VO = 1.4VP, RL = 150Ω
0.03
deg
typ
C
DC PERFORMANCE(4)
Open-Loop Transimpedance Gain (ZOL)VO = 0V, RL = 1kΩ
700
300
270
250
k
Ω
min
A
Input Offset Voltage
VCM = 0V
±1.5
±3.5
±4.1
±4.3
mV
max
A
Average Offset Voltage Drift
VCM = 0V
±12
±12
µV/°C
max
B
Noninverting Input Bias Current
VCM = 0V
±2.0
±4.0
±4.6
±4.8
µA
max
A
Average Noninverting Input Bias Current Drift
VCM = 0V
±15
±15
nA/
°C
max
B
Inverting Input Bias Current
VCM = 0V
±3.0
±10
±11
±11.5
µA
max
A
Average Inverting Input Bias Current Drift
VCM = 0V
±20
±20
nA
°/C
max
B
INPUT
Common-Mode Input Range(5) (CMIR)
±3.75
±3.65
±3.65
±3.60
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = 0V
60
53
52
52
dB
min
A
Noninverting Input Impedance
50
 2kΩ || pF
typ
C
Inverting Input Resistance (RI)
Open-Loop, DC
4.5
Ω
typ
C
OUTPUT
Voltage Output Swing
1k
Ω Load
±4.1
±4.0
±4.0
±3.9
V
min
A
Current Output, Sourcing
VO = 0
150
130
125
120
mA
min
A
Current Output, Sinking
VO = 0
–110
–100
–95
–90
mA
min
A
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.007
Ω
typ
C
DISABLE (Disabled LOW)
Power-Down Supply Current (+VS)VDIS = 0
–100
–150
–170
–180
µA
typ
C
Disable Time
VIN = +1, See Figure 1
60
ms
typ
C
Enable Time
VIN = +1, See Figure 1
40
ns
typ
C
Off Isolation
G = +2, 5MHz
70
dB
typ
C
Output Capacitance in Disable
1.7
pF
typ
C
Turn On Glitch
G = +2, RL = 150Ω, VIN = 0
±70
mV
typ
C
Turn Off Glitch
G = +2, RL = 150Ω, VIN = 0
±20
mV
typ
C
Enable Voltage
3.4
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input Bias Current (DIS)
VDIS = 0V
80
120
130
135
µA
max
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
±6
±6
±6
V
max
A
Minimum Operating Voltage Range
±1.4
V
min
C
Max Quiescent Current
VS = ±5V
0.94
1.03
1.04
1.05
mA
max
A
Min Quiescent Current
VS = ±5V
0.94
0.85
0.80
0.77
mA
min
A
Power-Supply Rejection Ratio (–PSRR)
Input Referred
62
55
54
54
dB
typ
A
TEMPERATURE RANGE
Specification: D, DBV
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
D
SO-8
125
°C/W
typ
C
DBV SOT-23-6
150
°C/W
typ
C
NOTES: (1) Junction temperature = ambient for 25
°C tested specifications. (2) Junction temperature = ambient at low temperature limit: junction temperature = ambient
+2
°C at high temperature limit for over temperature tested specifications. (3) Test levels: (A) 100% tested at 25°C. Over temperature limits by characterization and
simulation. (B) Limits set by characterization and simulation. (C) Typical value only for information. (4) Current is considered positive out-of-node. VCM is the input
common-mode voltage. (5) Tested < 3dB below minimum specified CMR at
± CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com