Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA683IDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA683IDBVT
Description  Very Low-Power, Current Feedback RATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA683IDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA683IDBVT Datasheet HTML 10Page - Texas Instruments OPA683IDBVT Datasheet HTML 11Page - Texas Instruments OPA683IDBVT Datasheet HTML 12Page - Texas Instruments OPA683IDBVT Datasheet HTML 13Page - Texas Instruments OPA683IDBVT Datasheet HTML 14Page - Texas Instruments OPA683IDBVT Datasheet HTML 15Page - Texas Instruments OPA683IDBVT Datasheet HTML 16Page - Texas Instruments OPA683IDBVT Datasheet HTML 17Page - Texas Instruments OPA683IDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
OPA683
14
SBOS221E
www.ti.com
VERY LOW POWER ACTIVE FILTER
The OPA683 provides an exceptionally capable gain block
for implementing Sallen-Key type filters. Typically, the band-
width interaction with gain setting for low power amplifiers,
constrain these filters to using unity-gain amplifiers. Since
the OPA683 CFBplus design holds very high bandwidth to
high gains, implementations that provide signal gain, as well
as the desired filter shape, are easily implemented. Figure 6
shows an example of a 5MHz 2nd-order low-pass filter where
the amplifier is providing a voltage gain of 4. This single-
supply implementation (applicable to single +12V operation
as well) consumes only 5.1mW quiescent power. The two
12.5k
Ω resistors bias the input and output at the supply
midpoint while the three 0.1
µF capacitors block off the DC
current paths to ground for this mid-scale operating point.
The filter resistors and capacitors have been adjusted
to provide a Butterworth (Q = 0.707) response with a
ω
O = 2π • 5MHz. This gives a flat passband response with a
–3dB cutoff at 5MHz. Figure 7 shows the small-signal fre-
quency response for the circuit of Figure 6.
HIGH GAIN HF AMPLIFIER
Where high gains at moderate frequencies are required in an
HF receiver channel, the OPA683 can provide a very low
power solution with moderate input noise figure. Figure 8
shows a technique that can improve the noise figure with no
added power. An input transformer provides a noiseless
voltage gain at the cost of higher source impedance for the
amplifier’s noninverting input current noise. The circuit of
Figure 8, using a 1:4 turns ratio (1:16 impedance ratio)
transformer, reduces the input noise figure from about 20dB
for just the amplifier to 10.6dB in combination. The bandwidth
for this circuit will be principally set by the transformer since
the OPA683 will give > 80MHz for the gain of 20V/V shown
in Figure 8. The overall circuit gives a gain to a matched 50
Ω
load of 32dB (40V/V) from the transformer input. This ex-
ample circuit provides this gain using only 10mW of quies-
cent power with application from 500kHz to 30MHz.
1.4k
Ω
OPA683
+5V
12.5k
Ω
12.5k
Ω
467
Ω
0.1
µF
V
I
0.1
µF
446
Ω
157
Ω
100pF
Supply
De-coupling
Not Shown
V
O
1k
Ω
150pF
0.1
µF
15
12
9
6
3
0
–3
–6
–9
Frequency (Hz)
1k
20M
100k
10k
1M
10M
LOW POWER 5MHz LP ACTIVE FILTER
FIGURE 6. 5MHz, 2nd-Order Low Pass Filter.
FIGURE 7. Low Power Active Filter Frequency Response.
OPA683
+5V
–5V
50
Ω
50
Ω
63
Ω
0.01
µF
800
Ω
P
I
P
O
P
O = 32dB
P
I
1.2k
Ω
50
Ω
10.6dB
Noise Figure
1:4
FIGURE 8. Low Power, High Gain HF Amplifier.
LOW POWER, ADC DRIVER
Where a low power, single-supply interface to a single-ended
input +5V ADC is required, the circuit of Figure 9 can provide
a very flexible, high performance solution. Running in an AC-
coupled inverting mode allows the noninverting input to be
used for the common-mode voltage from the ADS820 con-
verter. This midpoint reference biases both the noninverting
converter input and the amplifier noninverting input. With an
AC-coupled gain path, this +2.5V DC bias has a gain of +1
to the output putting the output at the DC midpoint for the
converter. The output then drives through an isolating resis-
tor (60
Ω) to the inverting input of the converter which is
further decoupled by a 22pF external capacitance to add to
its 5pF input capacitance. This coupling network provides a
high cutoff low-pass while also giving a low source imped-
ance at high frequencies for the converter. The gain for this
circuit is set by adjusting RG to the desired value. For a 2VPP
maximum output driving the light load of Figure 9, the
OPA683 will provide < –80dBc THD through 1MHz as shown
in the Typical Characteristics. One of the important advan-
tages for this CFBplus amplifier is that this distortion does not
degrade significantly at higher gains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com