Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3725CBC Datasheet(PDF) 195 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 195 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 191Page - Texas Instruments DM3725CBC Datasheet HTML 192Page - Texas Instruments DM3725CBC Datasheet HTML 193Page - Texas Instruments DM3725CBC Datasheet HTML 194Page - Texas Instruments DM3725CBC Datasheet HTML 195Page - Texas Instruments DM3725CBC Datasheet HTML 196Page - Texas Instruments DM3725CBC Datasheet HTML 197Page - Texas Instruments DM3725CBC Datasheet HTML 198Page - Texas Instruments DM3725CBC Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 280 page
background image
cam_xclki
cam_pclk
cam_vs
cam_hs
cam_d[11:0]
cam_wen
cam_fld
D(0)
D(n–3)
D(n–2)
D(n–1)
D(0)
D(1)
ISP15
ISP16
ISP16
ISP17
ISP18
ISP19
ISP20
ISP21
ISP22
ISP24
ISP23
ISP25
ISP26
ISP18
SWPS038-050
D(n–1)
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
(1)
The polarity of cam_pclk, cam_fld, cam_vs, and cam_hs are configurable. If the cam_hs, cam_vs, and cam_fld signals are output,
the signal length can be set.
(2)
The parallel camera in SYNC mode supports progressive image sensor modules and 8-, 10-, 11-, or 12-bit data.
(3)
When the image sensor has fewer than 12 data lines, it must be connected to the lower data lines and the unused lines must be
grounded.
(4)
However, it is possible to shift the data to 0, 2, or 4 data internal lanes.
(5)
The bit configurations are: cam_d[11:4] or cam_d[7:0] in 8-bit mode, cam_d[11:2] or cam_d[9:0] in 10-bit mode, cam_d[10:0] in 11-bit
mode and cam_d[11:0] in 12-bit mode.
(6)
Optionally, the data write to memory can be qualified by the external cam_wen signal.
(7)
The cam_wen signal can be used as an external memory write-enable signal. The data is stored to memory only if cam_hs, cam_vs,
and cam_wen signals are asserted.
(8)
In cam_xclki, i can be equal to a or b. See Table 6-22 for ISP15 and ISP16 parameters.
Figure 6-25. CPI
—12-Bit SYNC Normal Progressive Mode
6.5.1.2.3 CPI
—8-Bit SYNC Packed Progressive Mode
Table 6-28 assumes testing over the recommended operating conditions and electrical characteristic
conditions below (see Figure 6-26).
Table 6-27. CPI Timing Conditions
—8-Bit SYNC Packed Progressive Mode(1)
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2.5
ns
tF
Input signal fall time
2.5
ns
Output Condition
CLOAD
Output load capacitance
8.6
pF
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
195
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com