Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9963 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9963 Datasheet HTML 6Page - Analog Devices AD9963 Datasheet HTML 7Page - Analog Devices AD9963 Datasheet HTML 8Page - Analog Devices AD9963 Datasheet HTML 9Page - Analog Devices AD9963 Datasheet HTML 10Page - Analog Devices AD9963 Datasheet HTML 11Page - Analog Devices AD9963 Datasheet HTML 12Page - Analog Devices AD9963 Datasheet HTML 13Page - Analog Devices AD9963 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 10 of 60
Pin No.
Mnemonic
Description
36
TRXCLK
Qualifying Clock for the TRXD Bus.
37
TXCLK
Qualifying Clock for the TXD Bus. It can be configured as either an input or output.
38
TXIQ/TXnRX
Dual Function Pin. In half-duplex mode (TXnRX), this pin controls the direction of the TRX port. In full-
duplex mode (TXIQ), this input signal indicates to which DAC, I or Q, the TxDAC input data is intended.
39 to 48
TXD9 to TXD0
TxDAC Input Data.
52
DVDD18
Digital Core 1.8 V Supply.
53
DLL18V
Output of DLL18V Voltage Regulator.
54
DLLFILT
DLL Filter Output.
55
CLK18V
Output of CLK18V Voltage Regulator.
56, 57
CLKN, CLKP
Differential Input Clock.
58
CLK33V
Input to CLK18V and DLL18V Voltage Regulators (1.8 V to 3.3 V). If LDOs are not being used, short Pin 58
to Pin 55. CLK33V must track TXVDD.
59, 60
TXQN, TXQP
Complementary DAC Q Current Outputs.
61, 67
TXVDD
Analog Supply Voltage for Tx Path (1.8 V to 3.3 V). TXVDD must track CLK33V.
62
TXCML
Common-Mode Input Voltage for the I and Q Tx DACs.
63
REFIO
Decoupling Point for Internal DAC 1.0 V Bandgap Reference. Use a 0.1 µF capacitor to AGND.
64
TXGND
Transmit Path Ground.
65, 66
TXIP, TXIN
Complementary DAC I Current Outputs.
68
DAC12B
Auxiliary DAC B Output.
69
DAC12A
Auxiliary DAC A Output.
70
AUXIO3
Selectable Analog Pin. Programmable to either Input 3 of the auxiliary ADC or to the auxiliary DAC10B
output.
71
AUXIO2
Selectable Analog Pin. Programmable to either Input 2 of the auxiliary ADC or to the auxiliary DAC10A
output.
72
AUXIN1
Input 1 of Auxiliary ADC.
EPAD
Thermal Pad Under Chip. This must be connected to AGND for proper chip operation. It provides both a
thermal and electrical connection to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com