Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9963 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9963 Datasheet HTML 29Page - Analog Devices AD9963 Datasheet HTML 30Page - Analog Devices AD9963 Datasheet HTML 31Page - Analog Devices AD9963 Datasheet HTML 32Page - Analog Devices AD9963 Datasheet HTML 33Page - Analog Devices AD9963 Datasheet HTML 34Page - Analog Devices AD9963 Datasheet HTML 35Page - Analog Devices AD9963 Datasheet HTML 36Page - Analog Devices AD9963 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 33 of 60
Register Name
Register
Address
Bit(s)
Parameter
Function
Aux ADC CTRL 0
0x7A
7
AUXADC_EN
0: powers down the auxiliary ADC clock.
1: enables the auxiliary ADC clock.
6
RES
1: resets the AUXADC. A transition from 0 to 1 triggers the reset. The bit
should be returned to 0 after issuing the reset.
5:3
Unused
2:0
AUXDIV[2:0]
Sets the frequency division ratio of the input clock driving the CLKP,
CLKN pins over the AUXADCCLK.
000: 256.
001: 128.
…
110: 4.
111: 2.
The frequency of the AUXADCCLK should be less than 10 MHz. The
sample conversion rate of the AUXADC is determined by the AUXCLK rate
and CONV_TIME.
Aux ADC CTRL 1
0x7B
7
TEMPSNS_EN
1: enables the on-chip temperature sensor.
6:5
Unused
4:2
AUXREF_ADJ[2:0]
Adjustment for tuning the internal auxiliary ADC reference voltage.
011: +18 mV.
010: +12 mV.
001: +6 mV.
000: default.
111: −6 mV.
110: −12 mV.
101: −18 mV.
100: −24 mV.
1:0
Unused
ADC Full-Scale Adj
0x7D
7:5
Unused
4:0
RX_FSADJ[4:0]
This parameter adjusts the full-scale input voltage range of the Rx path
ADCs. The peak-to-peak input voltage range can be set as follows:
10000: 1.25 V.
10001:1.27 V.
10010: 1.29 V.
10011: 1.31 V.
…
11111: 1.54 V.
00000: 1.56 V.
00001: 1.58 V.
…
01110: 1.873 V.
01111: 1.875 V.
Rx ADC Trim Ctrl
0x7E
7
Unused
6
RXTrim_EN
1: enables ADC gain calibration.
5
RXTrim_Fine
1: decreases the step size (increases resolution) of the gain calibration
adjustment.
4
AUXCML_EN
Controls the buffers of internal bias points within each of the Rx ADCs to
allow for checking of this voltage. These voltages should read back about
0.9 V.
0: disables the buffers.
1: enables the buffers.
3:1
0
Set to 000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com