Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9963 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9963 Datasheet HTML 7Page - Analog Devices AD9963 Datasheet HTML 8Page - Analog Devices AD9963 Datasheet HTML 9Page - Analog Devices AD9963 Datasheet HTML 10Page - Analog Devices AD9963 Datasheet HTML 11Page - Analog Devices AD9963 Datasheet HTML 12Page - Analog Devices AD9963 Datasheet HTML 13Page - Analog Devices AD9963 Datasheet HTML 14Page - Analog Devices AD9963 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 11 of 60
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AUX33V
AUXADCREF
RXQP
RXQN
RXGND
RXBIAS
RX18V
RX33V
RX18VF
RXCML
RXGND
RXIN
RXIP
LDO_EN
RESET
SCLK
17
CS
18
SDIO
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
DLLFILT
DLL18V
DVDD18
DRVDD
TXD0
TXD1
TXD2
TXD3
TXD4
TXD5
TXD6
TXD7
TXD8
TXD9
TXD10
TXD11
TXIQ/TXnRX
TXCLK
NOTES
1. EXPOSED PAD MUST BE SOLDERED TO PCB.
PIN 1
INDICATOR
AD9963
(TOP VIEW)
Figure 3. AD9963 Pin Configuration
Table 9. AD9963 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AUX33V
Analog Supply for the Auxiliary ADC and Auxiliary DACs (3.3 V ± 10%, 1.8 V ± 10% If Auxiliary ADC Is
Powered Down).
2
AUXADCREF
Reference Output (or input) for Auxiliary ADC.
3, 4
RXQP, RXQN
Differential ADC Q Inputs. Full-scale input voltage range is 1.56 V p-p differential.
5, 11
RXGND
Receive Path Ground.
6
RXBIAS
External Bias Resistor Connection. This voltage is nominally 0.5 V. A 10 kΩ resistor can be connected
between this pin and analog ground to improve the Rx ADC full-scale accuracy.
7
RX18V
Output of RX18V Voltage Regulator.
8
RX33V
Input to RX18V and RX18VF Voltage Regulators (2.5 V to 3.3 V). If LDOs are not being used, short Pin 8 to
Pin 7.
9
RX18VF
Output of RX18VF Voltage Regulator.
10
RXCML
ADC Common-Mode Voltage Output.
12, 13
RXIN, RXIP
Differential ADC I Inputs. Full-scale input voltage range is 1.56 V p-p differential.
14
LDO_EN
Control pin for LDOs (GND = Disable all LDOs, Float = Enable DVDD18 LDO Only, DRVDD = Enable All
LDOs).
15
RESET
Reset. Active low to reset the configuration registers to default values and reset device.
16
SCLK
Clock Input for Serial Port.
17
CS
Active Low Chip Select.
18
SDIO
Bidirectional Data Line for Serial Port.
19, 34
DGND
Digital Core Ground.
20, 33, 51
DRVDD
Input/Output Pad Ring Supply Voltage (1.8 V to 3.3 V).
21 to 32
TRXD11 to TRXD0
ADC Output Data in Full Duplex Mode. ADC output data and DAC input data in half-duplex mode.
35
TRXIQ
Output Signal Indicating from Which ADC the Output Data Is Sourced.
36
TRXCLK
Qualifying Clock for the TRXD Bus.
37
TXCLK
Qualifying Clock for the TXD Bus. It can be configured as either an input or output.
38
TXIQ/TXnRX
Dual Function Pin. In half-duplex mode (TXnRX), this pin controls the direction of the TRX port. In full-
duplex mode (TXIQ), this input signal indicates to which DAC, I or Q, the TxDAC Input Data is intended.
39 to 50
TXD11 to TXD0
TxDAC Input Data.
52
DVDD18
Digital Core 1.8 V Supply.
53
DLL18V
Output of DLL18V Voltage Regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com