Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9963 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9963 Datasheet HTML 27Page - Analog Devices AD9963 Datasheet HTML 28Page - Analog Devices AD9963 Datasheet HTML 29Page - Analog Devices AD9963 Datasheet HTML 30Page - Analog Devices AD9963 Datasheet HTML 31Page - Analog Devices AD9963 Datasheet HTML 32Page - Analog Devices AD9963 Datasheet HTML 33Page - Analog Devices AD9963 Datasheet HTML 34Page - Analog Devices AD9963 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 31 of 60
Register Name
Register
Address
Bit(s)
Parameter
Function
Clock Mode
0x66
7
TXI_DCLK
1: disables internal clock to I DAC.
6
TXQ_DCLK
1: disables internal clock to Q DAC.
5
Unused
4
RXI_DCLK
1: disables internal clock to I ADC.
3
RXQ_DCLK
1: disables internal clock to Q ADC.
2
DCS_BP
1: disables duty cycle stabilizer block.
1:0
ADCDIV[1:0]
00: selects divide by 1. Bypasses internal divider block for RXCLK.
01: selects divide by 1. Bypasses internal divider block for RXCLK.
10: selects divide by 2.
11: selects divide by 4.
I DAC Gain Ctrl 0
0x68
7:6
Unused
5:0
IGAIN1[5:0]
Linear in dB adjustment of the full-scale current of I DAC. Provides an
adjustment range of approximately ±6 dB in 0.25 dB steps. See Figure 57
for details.
I DAC Gain Ctrl 1
0x69
7:6
Unused
5:0
IGAIN2[5:0]
Linear adjustment of the full-scale current of I DAC. Provides an
adjustment range of approximately ±2.5% in 0.08% steps. See Figure 55
for details.
I DAC Gain Ctrl 2
0x6A
7:6
Unused
5:0
IRSET[5:0]
Linear adjustment of the full-scale current of I DAC. Provides an
adjustment range of approximately ±20% in 0.625% steps. See Figure 55
for details.
Q DAC Gain Ctrl 0
0x6B
7:6
Unused
5:0
QGAIN1[5:0]
Linear in dB adjustment of the full-scale current of Q DAC. Provides an
adjustment range of approximately ±6 dB in 0.25 dB steps. See Figure 56
for details.
Q DAC Gain Ctrl 1
0x6C
7:6
Unused
5:0
QGAIN2[5:0]
Linear adjustment of the full-scale current of Q DAC. Provides an
adjustment range of approximately ±2.5% in 0.08% steps. See Figure 57
for details.
Q DAC Gain Ctrl 2
0x6D
7:6
Unused
5:0
QRSET[5:0]
Linear adjustment of the full-scale current of Q DAC. Provides an
adjustment range of approximately ±20% in 0.625% steps. See Figure 55
for details.
REFIO Adjust
0x6E
7:6
Unused
5:0
REFIO_ADJ[5:0]
Adjusts the on-chip reference voltage and output at REFIO. The transmit
DAC full-scale currents and the auxiliary DAC full-scale voltages are
proportional to the REFIO voltage. The approximate REFIO output
voltage by code is:
000000: V
REF = 1.0 V.
000001: V
REF = 1.00625 V.
…
011111: V
REF = 1.19375 V.
100000: V
REF = 0.8 V.
100001: V
REF = 0.80625 V.
…
111111 : V
REF = 0.99375 V.
DLL Control 0
0x71
7
ADCCLKSEL
1: selects DLL output as the ADC sampling clock.
0: selects external clock as the ADC sampling clock.
6
DACCLKSEL
1: selects DLL output as the DAC sampling clock.
0: selects external clock as the DAC sampling clock.
5
Unused
4
DLL_REF_EN
1: enables the input reference clock to the DLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com