Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 37Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 38Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 39Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 40Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 41Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
40
AT45DB321E
8784E–DFLASH–10/2013
15.
Command Tables
Table 15-1. Read Commands
Table 15-2. Program and Erase Commands
Command
Opcode
Main Memory Page Read
D2h
Continuous Array Read (Low Power Mode)
01h
Continuous Array Read (Low Frequency)
03h
Continuous Array Read (High Frequency)
0Bh
Continuous Array Read (High Frequency)
1Bh
Continuous Array Read (Legacy Command – Not Recommended for New Designs)
E8h
Buffer 1 Read (Low Frequency)
D1h
Buffer 2 Read (Low Frequency)
D3h
Buffer 1 Read (High Frequency)
D4h
Buffer 2 Read (High Frequency)
D6h
Command
Opcode
Buffer 1 Write
84h
Buffer 2 Write
87h
Buffer 1 to Main Memory Page Program with Built-In Erase
83h
Buffer 2 to Main Memory Page Program with Built-In Erase
86h
Buffer 1 to Main Memory Page Program without Built-In Erase
88h
Buffer 2 to Main Memory Page Program without Built-In Erase
89h
Main Memory Page Program through Buffer 1 with Built-In Erase
82h
Main Memory Page Program through Buffer 2 with Built-In Erase
85h
Main Memory Byte/Page Program through Buffer 1 without Built-In Erase
02h
Page Erase
81h
Block Erase
50h
Sector Erase
7Ch
Chip Erase
C7h + 94h + 80h + 9Ah
Program/Erase Suspend
B0h
Program/Erase Resume
D0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com