Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 41Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 46Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 47Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 48Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
45
AT45DB321E
8784E–DFLASH–10/2013
17.
System Considerations
The serial interface is controlled by the Serial Clock (SCK), Serial Input (SI), and Chip Select (CS) pins. These signals
must rise and fall monotonically and be free from noise. Excessive noise or ringing on these pins can be misinterpreted
as multiple edges and cause improper operation of the device. PCB traces must be kept to a minimum distance or
appropriately terminated to ensure proper operation. If necessary, decoupling capacitors can be added on these pins to
provide filtering against noise glitches.
As system complexity continues to increase, voltage regulation is becoming more important. A key element of any
voltage regulation scheme is its current sourcing capability. Like all Flash memories, the peak current for DataFlash
devices occurs during the programming and erasing operations. The supply voltage regulator needs to be able to supply
this peak current requirement. An under specified regulator can cause current starvation. Besides increasing system
noise, current starvation during programming or erasing can lead to improper operation and possible data corruption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com