Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT45DB321E Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
8784E–DFLASH–10/2013
Features
Single 2.3V - 3.6V supply
Serial Peripheral Interface (SPI) compatible
Supports SPI modes 0 and 3
Supports RapidS™ operation
Continuous read capability through entire array
Up to 85MHz
Low-power read option up to 15MHz
Clock-to-output time (tV) of 6ns maximum
User configurable page size
512 bytes per page
528 bytes per page (default)
Page size can be factory pre-configured for 512 bytes
Two fully independent SRAM data buffers (512/528 bytes)
Flexible programming options
Byte/Page Program (1 to 512/528 bytes) directly into main memory
Buffer Write
Buffer to Main Memory Page Program
Flexible erase options
Page Erase (512/528 bytes)
Block Erase (4KB)
Sector Erase (64KB)
Chip Erase (32-Mbits)
Program and Erase Suspend/Resume
Advanced hardware and software data protection features
Individual sector protection
Individual sector lockdown to make any sector permanently read-only
128-byte, One-Time Programmable (OTP) Security Register
64 bytes factory programmed with a unique identifier
64 bytes user programmable
Hardware and software controlled reset options
JEDEC Standard Manufacturer and Device ID Read
Low-power dissipation
400nA Ultra-Deep Power-Down current (typical)
3μA Deep Power-Down current (typical)
25μA Standby current (typical)
11mA Active Read current (typical)
Endurance: 100,000 program/erase cycles per page minimum
Data retention: 20 years
Green (Pb/Halide-free/RoHS compliant) packaging options
8-lead SOIC (0.208" wide)
8-pad Ultra-thin DFN (5 x 6 x 0.6mm)
9-ball Ultra-thin UBGA (6 x 6 x 0.6mm)
AT45DB321E
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum
SPI Serial Flash Memory


Similar Part No. - AT45DB321E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB321E ETC2-AT45DB321E Datasheet
2Mb / 73P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 80P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
9/1/23
logo
Dialog Semiconductor
AT45DB321E-DWF DIALOG-AT45DB321E-DWF Datasheet
1Mb / 70P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
More results

Similar Description - AT45DB321E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161E ATMEL-AT45DB161E Datasheet
2Mb / 70P
16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DB161E ETC2-AT45DB161E Datasheet
2Mb / 73P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
AT45DB321E ETC2-AT45DB321E_13 Datasheet
2Mb / 73P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DB641E ETC2-AT45DB641E Datasheet
2Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
AT45DQ321 ETC2-AT45DQ321 Datasheet
2Mb / 82P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V or 2.5V Minimum
logo
Dialog Semiconductor
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DB641E DIALOG-AT45DB641E Datasheet
1Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
AT45DB641E RENESAS-AT45DB641E Datasheet
2Mb / 69P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
2/2022
AT45DQ321 RENESAS-AT45DQ321 Datasheet
3Mb / 81P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
2/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com