Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 38Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 39Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 40Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 41Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
42
AT45DB321E
8784E–DFLASH–10/2013
Table 15-6. Detailed Bit-level Addressing Sequence for Binary Page Size (512 bytes)
Note:
X = Dummy Bit
Page Size = 512 bytes
Address Byte
Address Byte
Address Byte
Additional
Dummy
Bytes
Opcode
Opcode
01h
0
0
0
0
0
0
0
1
X X A A A A A A A A A A A A A A A A A A A A A A
N/A
02h
0
0
0
0
0
0
1
0
X X A A A A A A A A A A A A A A A A A A A A A A
N/A
03h
0
0
0
0
0
0
1
1
X X A A A A A A A A A A A A A A A A A A A A A A
N/A
0Bh
0
0
0
0
1
0
1
1
X X A A A A A A A A A A A A A A A A A A A A A A
1
1Bh
0
0
0
1
1
0
1
1
X X A A A A A A A A A A A A A A A A A A A A A A
2
32h
0
0
1
1
0
0
1
0
X X X X X X X X X X X X X X X X X X X X X X X X
N/A
35h
0
0
1
1
0
1
0
1
X X X X X X X X X X X X X X X X X X X X X X X X
N/A
50h
0
1
0
1
0
0
0
0
X X A A A A A A A A A A X X X X X X X X X X X X
N/A
53h
0
1
0
1
0
0
1
1
X X A A A A A A A A A A A A A X X X X X X X X X
N/A
55h
0
1
0
1
0
1
0
1
X X A A A A A A A A A A A A A X X X X X X X X X
N/A
58h
0
1
0
1
1
0
0
0
X X A A A A A A A A A A A A A X X X X X X X X X
N/A
59h
0
1
0
1
1
0
0
1
X X A A A A A A A A A A A A A X X X X X X X X X
N/A
60h
0
1
1
0
0
0
0
0
X X A A A A A A A A A A A A A X X X X X X X X X
N/A
61h
0
1
1
0
0
0
0
1
X X A A A A A A A A A A A A A X X X X X X X X X
N/A
77h
0
1
1
1
0
1
1
1
X X X X X X X X X X X X X X X X X X X X X X X X
N/A
79h
0
1
1
1
1
0
0
1
N/A
N/A
N/A
N/A
7Ch
0
1
1
1
1
1
0
0
X X A A A A A A
X X X X X X X X X X X X X X X X
N/A
81h
1
0
0
0
0
0
0
1
X X A A A A A A A A A A A A A X X X X X X X X X
N/A
82h
1
0
0
0
0
0
1
0
X X A A A A A A A A A A A A A A A A A A A A A A
N/A
83h
1
0
0
0
0
0
1
1
X X A A A A A A A A A A A A A X X X X X X X X X
N/A
84h
1
0
0
0
0
1
0
0
X X X X X X X X X X X X X X X A A A A A A A A A
N/A
85h
1
0
0
0
0
1
0
1
X X A A A A A A A A A A A A A A A A A A A A A A
N/A
86h
1
0
0
0
0
1
1
0
X X A A A A A A A A A A A A A X X X X X X X X X
N/A
87h
1
0
0
0
0
1
1
1
X X X X X X X X X X X X X X X A A A A A A A A A
N/A
88h
1
0
0
0
1
0
0
0
X X A A A A A A A A A A A A A X X X X X X X X X
N/A
89h
1
0
0
0
1
0
0
1
X X A A A A A A A A A A A A A X X X X X X X X X
N/A
9Fh
1
0
0
1
1
1
1
1
N/A
N/A
N/A
N/A
B9h
1
0
1
1
1
0
0
1
N/A
N/A
N/A
N/A
ABh
1
0
1
0
1
0
1
1
N/A
N/A
N/A
N/A
B0h
1
0
1
1
0
0
0
0
N/A
N/A
N/A
N/A
D0h
1
1
0
1
0
0
0
0
N/A
N/A
N/A
N/A
D1h
1
1
0
1
0
0
0
1
X X X X X X X X X X X X X X X A A A A A A A A A
N/A
D2h
1
1
0
1
0
0
1
0
X X A A A A A A A A A A A A A A A A A A A A A A
4
D3h
1
1
0
1
0
0
1
1
X X X X X X X X X X X X X X X A A A A A A A A A
N/A
D4h
1
1
0
1
0
1
0
0
X X X X X X X X X X X X X X X A A A A A A A A A
1
D6h
1
1
0
1
0
1
1
0
X X X X X X X X X X X X X X X A A A A A A A A A
1
D7h
1
1
0
1
0
1
1
1
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com